Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6A-10CW Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6A-10CW
Description  Sealed Rotary DIP Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6A-10CW Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6A-10CW Datasheet HTML 1Page - Omron Electronics LLC A6A-10CW Datasheet HTML 2Page - Omron Electronics LLC A6A-10CW Datasheet HTML 3Page - Omron Electronics LLC A6A-10CW Datasheet HTML 4Page - Omron Electronics LLC A6A-10CW Datasheet HTML 5Page - Omron Electronics LLC A6A-10CW Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
286
Sealed Rotary DIP Switch
A6A
■ Output Codes
10-position Models
Note: “
” indicates that the internal switch is ON.
16-position Models
Note: “
” indicates that the internal switch is ON.
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
■ Standard (Cone) Type, 10 Positions
■ Standard (Cone) Type, 16 Positions
■ Flat Type, 10 Positions
■ Flat Type, 16 Positions
Type
BCD
1-2-4-8
BCD
1-2-4-8 complement
Terminal No.
12
48
1
2
4
8
Position
0
●●●
1
●●●
2
●●
3
●●
4
●●
5
●●
6
●●
7
●●
8
●●
●●
9
●●
Type
BCD/hexadecimal
1-2-4-8
BCD/hexadecimal
1-2-4-8 complement
Terminal No.
12
48
1
2
4
8
Position
0
●●
●●
1
●●
2
●●
3
●●
4
●●
●●
5
●●
6
●●
7
●●●
8
●●
●●
9
●●
A
●●
●●
B
●●
C
●●
●●
D
●●
E
●●
●●
F
●●●
1
1 2
9
1
3
4
9
4
(5.9)
(0.3)
3.2
7.5±0.2
0.2
0.6
7.62
2.54 2.54
10
10
0.7±0.2
(slot depth: 0.9)
0
0
0
0
A6A-10R
A6A-10C
1
F 0
0.2
7.62
(5.9)
(0.3)
3.2
7.5±0.2
0.6
2.54 2.54
10
0.7±0.2
(slot depth: 0.9)
10
0
0
0
4
0
A6A-16R
A6A-16C
6
4
5
5.9
3.2
(0.3)
0.6
2.54 2.54
0.2
7.62
4 dia. (3.4)
6.2
10
10
5
+0.3
-0.4
0.7
(slot depth: 0.9)
A6A-10RF
A6A-10CF
9
7
0
0
8
8
5.9
3.2
(0.3)
0.6
2.54 2.54
0.2
7.62
4 dia. (3.4)
6.2
10
10
0.7
(slot depth: 0.9)
+0.3
-0.4
0
0
8
8
0
8
A6A-16RF
A6A-16CF


Similar Part No. - A6A-10CW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6A259KA ALLEGRO-A6A259KA Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
A6A259KLB ALLEGRO-A6A259KLB Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
A6A595 ALLEGRO-A6A595 Datasheet
217Kb / 11P
   8-Bit Serial Input, DMOS Power Driver
A6A595KA ALLEGRO-A6A595KA Datasheet
176Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
March 22, 2000
More results

Similar Description - A6A-10CW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
   Sealed Rotary DIP Switch
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com