Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6KS-162RF Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A6KS-162RF
Description  Miniature Rotary DIP Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6KS-162RF Datasheet(HTML) 3 Page - Omron Electronics LLC

  A6KS-162RF Datasheet HTML 1Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 2Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 3Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 4Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 5Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 6Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 7Page - Omron Electronics LLC A6KS-162RF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Miniature Rotary DIP Switch
A6K/A6KS
299
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Through hole type
Top-actuated Flat Models with 3×3 Terminal Arrangement
Top-actuated Extended shaft Models with 3×3 Terminal Arrangement
Side-actuated Flat Models with 3×3 Terminal Arrangement
Side-actuated Extended-shaft Models with 3×3 Terminal Arrangement
Top-actuated Flat Models with 5×2 Terminal Arrangement
Top-actuated Extended shaft Models with 5×2 Terminal Arrangement
Side-actuated Flat Models with 5×2 Terminal Arrangement
Side-actuated Extended-shaft Models with 5×2 Terminal Arrangement
4
A6K-102RF
A6K-162RF
2
C
C
4
2
1
C
8
C
8
7.2
7.2
0.5
0.25
1
4
3
2.54
7.62
A6K-102RF
A6K-162RF
3
4
A6K-102RS
A6K-162RS
2
C
C
8
7.2
1
3
4
2.54
C
4
2
1
C
8
2.8±0.1 dia.
7.62
7.2
0.5
0.25
A6K-102RS
A6K-162RS
8
C
4
C
A6KV-162RF
A6KV-102RF
0.25
2.54
0.5
7.9
5.08
7.2
1
2
1
2
C
7.77
4.15
3.5
A6KV-102RF
A6KV-162RF
8
C
4
C
A6KV-162RS
A6KV-102RS
0.25
2.54
0.5
5.08
7.2
1
2
1
2
C
7.9
3
2.8±0.1 dia.
3.5
4.15
7.77
A6KV-102RS
A6KV-162RS
8
4
A6K-164RF
A6K-104RF
4
3
4
1
C
2
C
C
4
C
7.2
1.27
7.2
7.62
1
8
2
4
0.5
0.2
A6K-104RF
A6K-164RF
4
3
1
A6K-164RS
A6K-104RS
7.2
2
3
4
C
4
8
C
C
4
4
8
C
1
2
1.27
7.2
2.8±0.1 dia.
7.62
0.5
0.2
A6K-104RS
A6K-164RS
4
C
1.27
C
4 2 8 1
4
A6KV-164RF
A6KV-104RF
0.2
0.5
7.9
5.08
7.2
C
8 1
2
7.77
4.15
3.5
A6KV-104RF
A6KV-164RF
4
A6KV-164RS
A6KV-104RS
0.2
5.08
7.2
8
C
8
C
4
7.9
3
1.27
0.5
1
2
1
2
4
C
7.77
4.15
3.5
2.8±0.1 dia.
A6KV-104RS
A6KV-164RS


Similar Description - A6KS-162RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
   Rotary Dip Switch
logo
CUI INC
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
   ROTARY DIP SWITCH
12/11/2020
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
   ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
   ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
   ROTARY DIP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com