Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-6066 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-6066
Description  6-ch Digital Input and 6-ch Relay Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6066 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6066 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ethernet I/O Modules
ADAM-6060
ADAM-6066
Specifications
General
LAN
10/100Base-T(X)
Power Consumption
2 W @ 24 VDC (ADAM-6060)
2.5 W @ 24 VDC (ADAM-6066)
Connectors
1 x RJ-45 (LAN), Plug-in screw terminal block (I/O and power)
Watchdog Timer
System (1.6 second) and Communication (programmable)
Power Input
10 ~ 30 VDC
Supports Peer-to-Peer
Supports GCL
Supports Modbus/TCP, TCP/IP, UDP and HTTP Protocols
Digital Input
Channels
6
Dry Contact
Logic level 0: close to GND
Logic level 1: open
Wet Contact
Logic level 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
Supports 3 kHz Counter Input (32-bit + 1-bit overflow)
Keep/Discard Counter Value when Power-off
Supports 3 kHz Frequency Input
Supports Inverted DI Status
Relay Output (Form A)
Channels
6
Contact Rating (Resistive) ADAM-6060: 120 V @ 0.5 A (AC)
30 V @ 1 A (DC)
ADAM-6066: 250 V @ 5 A (AC)
30 V @ 5 A (DC)
Breakdown Voltage
500 VAC (50/60 Hz)
Relay On Time
7 ms
Relay Off Time
3 ms
Total Switching Time
10 ms
Insulation Resistance
1 G
Ω min. at 500 VDC
Maximum Switching
20 operations/minute
Rate (at rated load)
Supports Pulse Output
Protection
Power Reversal Protection
Isolation Voltage
2,000 VDC
Environment
Operating Temperature
-10 ~ 70° C
Storage Temperature
-20 ~ 80° C
Humidity (Operating)
20 ~ 95% RH (non-condensing)
Humidity (Storage)
0 ~ 95% RH (non-condensing)
Ordering Information
ADAM-6060
6-ch DI and 6-ch Relay Module
ADAM-6066
6-ch DI and 6-ch Power Relay Module
ADAM-6060
ADAM-6000 I/O Module Common
Specifications
General
Dimension (W x H x D) 70 x 120 x 30 mm
Enclosure
ABS+PC
Mounting
DIN 35 rail, stack, wall
ADAM-6066
6-ch Digital Input and 6-ch Relay Module
6-ch Digital Input and 6-ch Power Relay Module
Unit: mm
ADAM-6000 Series Dimensions
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-6066

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6066 ADVANTECH-ADAM-6066 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
ADAM-6066 ADVANTECH-ADAM-6066 Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
More results

Similar Description - ADAM-6066

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6060 ADVANTECH-ADAM-6060_15 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Relay Modbus TCP Module
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
ADAM-5060 ADVANTECH-ADAM-5060 Datasheet
620Kb / 1P
   6-ch Relay Output Module
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input USB Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
   Robust 6-Ch RTD Input Module
27-Feb-2020
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
   6-ch Relay Real-time Ethernet Module
PCM-3725 ADVANTECH-PCM-3725_14 Datasheet
601Kb / 1P
   8-ch Relay and Isolated Digital Input PC/104 Module
PCM-3725 ADVANTECH-PCM-3725 Datasheet
610Kb / 1P
   8-ch Relay and Isolated Digital Input PC/104 Module
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com