Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD212G726AS4-M Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMD212G726AS4-M
Description  Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726AS4-M Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMD212G726AS4-M Datasheet HTML 1Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 2Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 3Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 4Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726AS4-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
128Mx72 bits
Registered DDR SDRAM DIMM
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.2/May. 02
1
HYMD212G726A(L)S4-M/K/H/L
DESCRIPTION
Hynix HYMD212G726A(L)S4-M/K/H/L series is registered 184-pin double data rate Synchronous DRAM Dual In-Line
Memory Modules (DIMMs) which are organized as 128Mx72 high-speed memory arrays. Hynix HYMD212G726A(L)S4-
M/K/H/L series consists of eighteen stacked 128Mx4 DDR SDRAM in 400mil TSOP II packages on a 184pin glass-epoxy
substrate. Hynix HYMD212G726A(L)S4-M/K/H/L series provide a high performance 8-byte interface in 5.25" width
form factor of industry standard. It is suitable for easy interchange and addition.
Hynix HYMD212G726A(L)S4-M/K/H/L series is designed for high speed of up to 133MHz and offers fully synchronous
operations referenced to both rising and falling edges of differential clock inputs. While all addresses and control
inputs are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sampled on
both rising and falling edges of it. The data paths are internally pipelined and 2-bit prefetched to achieve very high
bandwidth. All input and output voltage levels are compatible with SSTL_2. High speed frequencies, programmable
latencies and burst lengths allow variety of device operation in high performance memory system.
Hynix HYMD212G726A(L)S4-M/K/H/L series incorporates SPD(serial presence detect). Serial presence detect function
is implemented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to iden-
tify DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Part No.
Power Supply
Clock Frequency
Interface
Form Factor
HYMD212G726A(L)S4-M
VDD=2.5V
VDDQ=2.5V
133MHz (*DDR266:2-2-2)
SSTL_2
184pin Registered DIMM
5.25 x 1.7 x 0.15 inch
HYMD212G726A(L)S4-K
133MHz (*DDR266A)
HYMD212G726A(L)S4-H
133MHz (*DDR266B)
HYMD212G726A(L)S4-L
100MHz (*DDR200)
1GB (128M x 72) Registered DDR DIMM based on
stacked 128Mx4 DDR SDRAM
JEDEC Standard 184-pin dual in-line memory module
(DIMM)
Error Check Correction (ECC) Capability
Registered inputs with one-clock delay
Phase-lock loop (PLL) clock driver to reduce loading
2.5V +/- 0.2V VDD and VDDQ Power supply
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
100MHz/125MHz/133MHz
Programmable CAS Latency 2 / 2.5 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
tRAS Lock-out function supported
Internal four bank operations with single pulsed RAS
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
* JEDEC Defined Specifications compliant
Preliminary


Similar Part No. - HYMD212G726AS4-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726AS4M-H HYNIX-HYMD212G726AS4M-H Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-K HYNIX-HYMD212G726AS4M-K Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-L HYNIX-HYMD212G726AS4M-L Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD212G726AS4-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com