Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD212G726ALS4-H Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD212G726ALS4-H
Description  Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726ALS4-H Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD212G726ALS4-H Datasheet HTML 4Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 9Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 10Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 11Page - Hynix Semiconductor HYMD212G726ALS4-H Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HYMD212G726A(L)S4-M/K/H/L
Rev. 0.2/May. 02
8
DC CHARACTERISTICS II (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Test Condition
Speed
Unit Note
-M
-K
-H
-L
Operating Current
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK= tCK(min); DQ,DM and DQS inputs
changing twice per clock cycle; address and
control inputs changing once per clock cycle
3620
3260
3260
3170
mA
Operating Current
IDD1
One bank; Active - Read - Precharge; Burst
Length = 2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per
clock cycle
4430
3890
3890
3710
mA
Precharge Power Down
Standby Current
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK= tCK(min)
1370
mA
Idle Standby Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing once
per clock cycle. VIN=VREF for DQ, DQS, and DM
2450
2090
2090
1910
mA
Active Power Down
Standby Current
IDD3P
One bank active; Power down mode; CKE=Low,
tCK=tCK(min)
1550
mA
Active Standby Current
IDD3N
/CS=HIGH, CKE=HIGH; One bank; Active-
Precharge; tRC=tRAS(max); tCK=tCK(min); DQ,
DM and DQS inputs changing twice per clock
cycle; Address and other control inputs changing
once per clock cycle
2810
2450
2450
2450
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); IOUT=0mA
6770
5870
5870
4790
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); DQ, DM,
and DQS inputs changing twice per clock cycle
6770
5870
5870
4790
Auto Refresh Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz;
distributed refresh
5570
5030
5030
4760
Self Refresh Current
IDD6
CKE=<0.2V; External clock on;
tCK =tCK(min)
Normal
458
mA
Low Power
404
mA
Operating Current -
Four Bank Operation
IDD7
Four bank interleaving with BL=4 Refer to the
following page for detailed test condition
7220
6860
6860
6860
mA


Similar Part No. - HYMD212G726ALS4-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4M-H HYNIX-HYMD212G726ALS4M-H Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-K HYNIX-HYMD212G726ALS4M-K Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-L HYNIX-HYMD212G726ALS4M-L Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726ALS4M-M HYNIX-HYMD212G726ALS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD212G726ALS4-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726C4-M HYNIX-HYMD264G726C4-M Datasheet
323Kb / 16P
   Registered DDR SDRAM DIMM
HYMD132G725BL4-M HYNIX-HYMD132G725BL4-M Datasheet
314Kb / 17P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com