Electronic Components Datasheet Search |
|
PPC5705BEMLQR Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
PPC5705BEMLQR Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 92 page General description MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 3 1 General description The MPC5607B is a new family of next generation microcontrollers built on the Power Architecture™ embedded category. This document describes the features of the family and options available within the family members, and highlights important electrical and physical characteristics of the device. The MPC5607B family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It belongs to an expanding family of automotive-focused products designed to address the next wave of body electronics applications within the vehicle. The advanced and cost-efficient host processor core of the MPC5607B automotive controller family complies with the Power Architecture embedded category and only implements the VLE (variable-length encoding) APU (Auxillary Processor Unit), providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and configuration code to assist with users implementations. Table 1. MPC5607B Family Comparison1 Feature MPC5605B MPC5606B MPC5607B Package 100 LQFP 144 LQFP 176 LQFP 144 LQFP 176 LQFP 176 LQFP 208 MAP BGA2 CPU e200z0h Execution speed3 Up to 64 MHz Code Flash 768 KB 1 MB 1.5 MB Data Flash 64 (4 x 16) Kbyte RAM 64 KB 80 KB 96 KB MPU 8-entry DMA 16 ch 10-bit ADC Yes dedicated4 7ch 15ch 29 ch 15ch 29ch shared with 12-bit ADC 19 ch 12-bit ADC Yes dedicated5 5 ch shared with 10-bit ADC 19 ch Total timer I/O6 eMIOS 37 ch, 16-bit 64 ch, 16-bit Counter / OPWM / ICOC7 10 ch O(I)PWM / OPWFMB / OPWMCB / ICOC8 7ch O(I)PWM / ICOC9 7ch 14ch OPWM / ICOC10 13 ch 33 ch SCI (LINFlex) 46868 10 SPI (DSPI) 3565 6 CAN (FlexCAN) 6 |
Similar Part No. - PPC5705BEMLQR |
|
Similar Description - PPC5705BEMLQR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |