Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ2G43BFR Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5TQ2G43BFR
Description  2Gb DDR3 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G43BFR Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5TQ2G43BFR Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 9Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 10Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 11Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 12Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 13Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 14Page - Hynix Semiconductor H5TQ2G43BFR Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Rev. 0.2 / Feb. 2010
11
Absolute Maximum Ratings
Absolute Maximum DC Ratings
DRAM Component Operating Temperature Range
AC & DC Operating Conditions
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 0.4 V ~ 1.975 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.4 V ~ 1.975 V
V
1,3
VIN, VOUT Voltage on any pin relative to Vss
- 0.4 V ~ 1.975 V
V
1
TSTG
Storage Temperature
-55 to +100
o
C1, 2
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must not be greater than
0.6XVDDQ,When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
o
C
1,2
Extended Temperature Range (Optional)
85 to 95
o
C1,3
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measure-
ment conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs. It is
also possible to specify a component with 1X refresh (tREFI to 7.8µs) in the Extended Temperature Range.
Please refer to the DIMM SPD for option availability
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use
the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b)
or enable the optional Auto Self-Refresh mode (MR2 A6 = 1b and MR2 A7 = 0b).


Similar Part No. - H5TQ2G43BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-G7C HYNIX-H5TQ2G43CFR-G7C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-H9C HYNIX-H5TQ2G43CFR-H9C Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
More results

Similar Description - H5TQ2G43BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G83DFR HYNIX-H5TQ2G83DFR Datasheet
408Kb / 34P
   2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com