Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ1G83BFR Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5TQ1G83BFR
Description  1Gb DDR3 SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ1G83BFR Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5TQ1G83BFR Datasheet HTML 5Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 6Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 7Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 8Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 9Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 10Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 11Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 12Page - Hynix Semiconductor H5TQ1G83BFR Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Rev. 1.0 / Dec. 2009
9
RESET
Input
Active Low Asynchronous Reset: Reset is active when RESET is LOW, and inactive when
RESET is HIGH. RESET must be HIGH during normal operation.
RESET is a CMOS rail-to-rail signal with DC high and low at 80% and 20% of VDD, i.e.
1.20V for DC high and 0.30V for DC low.
DQ
Input /
Output
Data Input/ Output: Bi-directional data bus.
DQU, DQL,
DQS, DQS,
DQSU, DQSU,
DQSL, DQSL
Input /
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data,
centered in write data. The data strobe DQS, DQSL, and DQSU are paired with differential
signals DQS, DQSL, and DQSU, respectively, to provide differential pair signaling to the
system during reads and writes. DDR3 SDRAM supports differential data strobe only and
does not support single-ended.
TDQS, TDQS
Output
Termination Data Strobe: TDQS/TDQS is applicable for x8 DRAMs only. When enabled via
Mode Register A11 = 1 in MR1, the DRAM will enable the same termination resistance
function on TDQS/TDQS that is applied to DQS/DQS. When disabled via mode register A11
= 0 in MR1, DM/TDQS will provide the data mask function and TDQS is not used. x4/x16
DRAMs must disable the TDQS function via mode register A11 = 0 in MR1.
NC
No Connect: No internal electrical connection is present.
NF
No Function
VDDQ
Supply DQ Power Supply: 1.5 V +/- 0.075 V
VSSQ
Supply DQ Ground
VDD
Supply Power Supply: 1.5 V +/- 0.075 V
VSS
Supply Ground
VREFDQ
Supply Reference voltage for DQ
VREFCA
Supply Reference voltage for CA
ZQ
Supply Reference Pin for ZQ calibration
Note:
Input only pins (BA0-BA2, A0-A15, RAS, CAS, WE, CS, CKE, ODT, DM, and RESET) do not supply termination.
Symbol
Type
Function


Similar Part No. - H5TQ1G83BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G83AFP HYNIX-H5TQ1G83AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83DFRG7C HYNIX-H5TQ1G83DFRG7C Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83DFRG7I HYNIX-H5TQ1G83DFRG7I Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83DFRG7J HYNIX-H5TQ1G83DFRG7J Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
More results

Similar Description - H5TQ1G83BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
logo
Samsung semiconductor
K4B1G0446G SAMSUNG-K4B1G0446G Datasheet
1Mb / 64P
   1Gb G-die DDR3 SDRAM
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com