Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP512P72CP8-S5 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMP512P72CP8-S5
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512P72CP8-S5 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMP512P72CP8-S5 Datasheet HTML 4Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 5Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 6Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 9Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 10Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 11Page - Hynix Semiconductor HYMP512P72CP8-S5 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Rev. 0.2 / Sep. 2008
8
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(64Mbx72): HYMP512R72CP4 / HYMP512P72CP4
/RS0
VSS
D0
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
DQ0
DQ1
DQ2
DQ3
/DQS0
/DQS
DQS0
D1
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS1
/DQS
DQS1
D2
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
DQ16
DQ17
DQ18
DQ19
/DQS2
/DQS
DQS2
D3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS3
/DQS
DQS3
D4
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS4
/DQS
DQS4
D5
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS5
/DQS
DQS5
D6
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS6
/DQS
DQS6
D7
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS7
/DQS
DQS7
D8
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
CB0
CB1
CB2
CB3
/DQS8
/DQS
DQS8
D9
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
DQ4
DQ5
DQ6
DQ7
/DQS9
/DQS
DQS9
D10
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS10
/DQS
DQS10
D11
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS11
/DQS
DQS11
D12
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS12
/DQS
DQS12
D13
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS13
/DQS
DQS13
D14
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS14
/DQS
DQS14
D15
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS15
/DQS
DQS15
D16
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS16
/DQS
DQS16
D17
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
CB4
CB5
CB6
CB7
/DQS17
/DQS
DQS17
DQ60
DQ61
DQ62
DQ63
DQ52
DQ53
DQ54
DQ55
DQ44
DQ45
DQ46
DQ47
DQ36
DQ37
DQ38
DQ39
DQ28
DQ29
DQ30
DQ31
DQ20
DQ21
DQ22
DQ23
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ24
DQ25
DQ26
DQ27
DQ32
DQ33
DQ34
DQ35
DQ40
DQ41
DQ42
DQ43
DQ48
DQ49
DQ50
DQ51
DQ56
DQ57
DQ58
DQ59
* /S0 connects to D/CS of Register1 and /CSR of Register2. /CSR of register and D/CS of register2 connects to VDD.
** /RESET,PCK7 connect to both Registers. Other signals connect to one of two Registers. /S1,CKE1 and ODT1 are NC.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8,PCK9 = > CK : SDRAMx D0-D17
/PCK0 to /PCK6, /PCK8,/PCK9 = > /CK : SDRAMx D0-D17
PCK7 = > CK: Register
/PCK7 = > /CK: Register
SA0 SA1
SA2
W
P
SCL
SDA
A0
A1
A2
Serial PD
SCL
U0
SDA
VDD SPD
VREF
VDD/VDDQ
VSS
Serial
PD
DO-D17
DO-D17
DO-D17
1. Resistor values are 22 Ohms +/- 5%.
Notes:
ODT0
CKE0
/PCK7
/WE
R
E
G
I
S
T
E
R
PCK7
/RESET
/CAS
/RAS
BA0 to BA1
A0 to A13
/CS0*
RODT0 ==> ODT0: SDRAMs D0 to D17
/RWE ==> /WE: SDRAMs D0 to D17
RCKE0 ==> CKE: SDRAMs D0 to D17
/RCAS ==>/CAS: SDRAMs D0 to D17
/RRAS ==>/RAS: SDRAMs D0 to D17
/RA0 to RA13 ==> A0 to A13: SDRAMs D0 to D17
RBA0 to RBA1 ==> BA0 to BA1: SDRAMs D0 to D17
/RS0 to /CS ==> /CS: SDRAMs D0 to D17
/RST
Register
C0
A
C1
PAR_IN
PPO
/QERR
VSS
VDD
PAR_IN
100K ohms
/Err-Out
Signals for Address and Command Parity Function
The resistors on Par_In, A13, A14, A15, BA2 and
the signal line of Err_Out refer to the section:
“Register Options for Unused Address inputs”
Register
C0
B
C1
PAR_IN
PPO
/QERR
VDD
VDD


Similar Part No. - HYMP512P72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512P72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com