Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5LS20106SZWTIQ1R Datasheet(PDF) 2 Page - Texas Instruments

Part # X5LS20106SZWTIQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

X5LS20106SZWTIQ1R Datasheet(HTML) 2 Page - Texas Instruments

  X5LS20106SZWTIQ1R Datasheet HTML 1Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 2Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 3Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 4Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 5Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 6Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 7Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 8Page - Texas Instruments X5LS20106SZWTIQ1R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141 – MARCH 2010
www.ti.com
1.2
Description
The TMS570LS series is a high performance automotive grade microcontroller family which has been
certified for use in IEC 61508 SIL3 safety systems. The safety architecture includes Dual CPUs in
lockstep, CPU and Memory Built-In Self Test (BIST) logic, ECC on both the Flash and the data SRAM,
parity on peripheral memories, and loop back capability on peripheral IOs.
The TMS570LS family integrates the ARM® Cortex™-R4F Floating Point CPU which offers an efficient 1.6
DMIPS/MHz, and has configurations which can run up to 160 MHz providing more than 250 DMIPS. The
TMS570LS series also provides different Flash (1MB or 2MB) and data SRAM (128KB or 160KB) options
with single bit error correction and double bit error detection.
The TMS570LS devices feature peripherals for real-time control-based applications, including up to 32
nHET timer channels and two 12-bit A to D converters supporting up to 24 inputs. There are multiple
communication interfaces including a 2-channel Flexray, 3 CAN controllers supporting 64 mailboxes each,
and 2 LIN/UART controllers.
With integrated SIL3 certified safety features and a wide choice of communication and control peripherals,
the TMS570LS series is an ideal solution for high performance real time control applications with safety
critical requirements.
The devices included in the TMS570LS series and described in this document are:
TMS570LS20216
TMS570LS20206
TMS570LS10216
TMS570LS10206
TMS570LS10116
TMS570LS10106
The TMS570LS series microcontrollers contain the following:
Dual TMS570 16/32-Bit RISC (ARM Cortex™-R4F) in Lockstep
Up to 2M-Byte Program Flash with ECC
Up to 160K-Byte Static RAM (SRAM) with ECC
Real-Time Interrupt (RTI) Operating System Timer
Vectored Interrupt Module (VIM)
Cyclic Redundancy Checker (CRC) with Parallel Signature Analysis (PSA)
Direct Memory Access (DMA) Controller
Frequency-Modulated Phase-Locked Loop (FMZPLL)-Based Clock Module With Prescaler
Three Multi-buffered Serial Peripheral Interfaces (MibSPI)
Two UARTs (SCI) with Local Interconnect Network Interfaces (LIN)
Three CAN Controllers (DCAN)
High-End Timer (NHET) with dedicated Transfer Unit (HTU)
Available FlexRay Controller with dedicated PLL and Transfer Unit (FTU)
External Clock Prescale (ECP) Module
Two 16-Channel 12-Bit Multi-Buffered ADCs (MibADC) - 8 shared channels between the two ADCs
System Bus Parity with Failure Detection
Error Signaling Module (ESM) with external error pin
Voltage Monitor (VMON) with out of range reset assertion
Embedded Trace Module (ETMR4)
Data Modification Module (DMM)
RAM Trace Port (RTP)
Parameter Overlay Module (POM)
2
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Description - X5LS20106SZWTIQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com