Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP525R72CP4-C4 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMP525R72CP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP525R72CP4-C4 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMP525R72CP4-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP525R72CP4-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Rev. 0.2 / Sep. 2008
5
1
240pin Registered DDR2 SDRAM DIMMs
PIN ASSIGNMENT
NC= No Connect, RFU= Reserved for Future Use.
Note:
1. RESET (Pin 18) is connected to both OE of PLL and Reset of register.
2. NC/Err_out (Pin 55) and NC/Par_In(Pin68) are for optional function to check address and command parity.
3. The Test pin (Pin 102) is reserved for bus analysis probes and is not connected on normal memory modules
(DIMMs)
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
41
VSS
81
DQ33
121
VSS
161
CB4
201
VSS
2
VSS
42
CB0
82
VSS
122
DQ4
162
CB5
202
DM4/DQS13
3DQ0
43
CB1
83
DQS4
123
DQ5
163
VSS
203
DQS13
4
DQ1
44
VSS
84
DQS4
124
VSS
164
DM8,DQS17
204
VSS
5VSS
45
DQS8
85
VSS
125
DM0/DQS9
165
DQS17
205
DQ38
6DQS046
DQS8
86
DQ34
126
DQS9
166
VSS
206
DQ39
7
DQS0
47
VSS
87
DQ35
127
VSS
167
CB6
207
VSS
8
VSS
48
CB2
88
VSS
128
DQ6
168
CB7
208
DQ44
9
DQ2
49
CB3
89
DQ40
129
DQ7
169
VSS
209
DQ45
10
DQ3
50
VSS
90
DQ41
130
VSS
170
VDDQ
210
VSS
11
VSS
51
VDDQ
91
VSS
131
DQ12
171
NC,CKE1
211
DM5/DQS14
12
DQ8
52
CKE0
92
DQS5
132
DQ13
172
VDD
212
DQS14
13
DQ9
53
VDD
93
DQS5
133
VSS
173
A15,NC
213
VSS
14
VSS
54
BA2,NC
94
VSS
134
DM1/DQS10
174
A14,NC
214
DQ46
15
DQS155
NC, Err_Out
95
DQ42
135
DQS10
175
VDDQ
215
DQ47
16
DQS1
56
VDDQ
96
DQ43
136
VSS
176
A12
216
VSS
17
VSS
57
A11
97
VSS
137
RFU
177
A9
217
DQ52
18
RESET
58
A7
98
DQ48
138
RFU
178
VDD
218
DQ53
19
NC
59
VDD
99
DQ49
139
VSS
179
A8
219
VSS
20
VSS
60
A5
100
VSS
140
DQ14
180
A6
220
RFU
21
DQ10
61
A4
101
SA2
141
DQ15
181
VDDQ
221
RFU
22
DQ11
62
VDDQ
102
NC(TEST)
142
VSS
182
A3
222
VSS
23
VSS
63
A2
103
VSS
143
DQ20
183
A1
223
DM6/DQS15
24
DQ16
64
VDD
104
DQS6
144
DQ21
184
VDD
224
NC,DQS15
25
DQ17
Key
105
DQS6
145
VSS
Key
225
VSS
26
VSS
65
VSS
106
VSS
146
DM2/DQS11
185
CK0
226
DQ54
27
DQS266
VSS
107
DQ50
147
DQS11
186
CK0
227
DQ55
28
DQS2
67
VDD
108
DQ51
148
VSS
187
VDD
228
VSS
29
VSS
68
NC, Err_Out 109
VSS
149
DQ22
188
A0
229
DQ60
30
DQ18
69
VDD
110
DQ56
150
DQ23
189
VDD
230
DQ61
31
DQ19
70
A10/AP
111
DQ57
151
VSS
190
BA1
231
VSS
32
VSS
71
BA0
112
VSS
152
DQ28
191
VDDQ
232
DM7/DQS16
33
DQ24
72
VDDQ
113
DQS7
153
DQ29
192
RAS
233
NC,DQS16
34
DQ25
73
WE
114
DQS7
154
VSS
193
S0
234
VSS
35
VSS
74
CAS
115
VSS
155
DM3/DQS12
194
VDDQ
235
DQ62
36
DQS3
75
VDDQ
116
DQ58
156
DQS12
195
ODT0
236
DQ63
37
DQS3
76
NC, S1
117
DQ59
157
VSS
196
A13,NC
237
VSS
38
VSS
77
NC, ODT1
118
VSS
158
DQ30
197
VDD
238
VDDSPD
39
DQ26
78
VDDQ
119
SDA
159
DQ31
198
VSS
239
SA0
40
DQ27
79
VSS
120
SCL
160
VSS
199
DQ36
240
SA1
80
DQ32
200
DQ37


Similar Part No. - HYMP525R72CP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP525R72CP4-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com