Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP512R72CP8-C4 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HYMP512R72CP8-C4
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R72CP8-C4 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HYMP512R72CP8-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 10Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 11Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 12Page - Hynix Semiconductor HYMP512R72CP8-C4 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Rev. 0.2 / Sep. 2008
9
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
2GB(256Mbx72): HYMP525R72CP4 / HYMP512P72CP4
IO0
I/O1
I/O2
I/O3
/RS0
VSS
/RS1
DQ0
DQ1
DQ2
DQ3
DQS0
/DQS0
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
DQ8
DQ9
DQ10
DQ11
DQS1
/DQS1
DQ16
DQ17
DQ18
DQ19
DQS2
/DQS2
DQ24
DQ25
DQ26
DQ27
DQS3
/DQS3
DQ48
DQ49
DQ50
DQ51
DQS6
/DQS6
DQS
DQ56
DQ57
DQ58
DQ59
DQS7
/DQS7
/RS0
/RS1
DQ32
DQ33
DQ34
DQ35
DQS4
/DQS4
DQ40
DQ41
DQ42
DQ43
DQS5
/DQS5
CB0
CB1
CB2
CB3
DQS8
/DQS8
DQ4
DQ5
DQ6
DQ7
DQS9
/DQS9
DQ12
DQ13
DQ14
DQ15
DQS10
/DQS10
DQ20
DQ21
DQ22
DQ23
DQS11
/DQS11
DQ28
DQ29
DQ30
DQ31
DQS12
/DQS12
DQ52
DQ53
DQ54
DQ55
DQS15
/DQS15
DQ60
DQ61
DQ62
DQ63
DQS9
/DQS9
DQ36
DQ37
DQ38
DQ39
DQS13
/DQS13
DQ44
DQ45
DQ46
DQ47
DQS14
/DQS14
CB4
CB5
CB6
CB7
DQS17
/DQS17
ODT0
CKE0
/PCK7**
/WE
1:2
R
E
G
I
S
T
E
R
PCK7**
/RESET**
/CAS
/RAS
BA0-BA1***
A0-A13***
/S1*
/RST
/S0*
RODT1 = > ODT1: SDRAMs D18-D35
ODT1
CKE1
RODT0 = > ODT0: SDRAMs D0-D17
RCKE1 = > CKE1: SDRAMs D18-D35
RCKE0 = > CKE0: SDRAMs D0-D17
/RA0-RA12 = > A0 -A12 : SDRAMs D0-D35
/RWE = > /WE: SDRAMs D0-D35
/RCAS = > /CAS: SDRAMs D0-D35
/RRAS = > /RAS: SDRAMs D0-D35
/RBA0-RBA1 = > BA0 -BA1 : SDRAMs D0-D35
/RS1 to /CS : SDRAMs D18-D35
/RS0 to /CS : SDRAMs D0-D17
Notes:
1. DQ-to-I/O wiring may be changed within a nibble.
2. Unless otherwise noted, resistor values are 22 Ohms +/- 5%.
3. /RS0 and /RS1 altemate between the bottom and surface sides of the DIMM.
* /S0 connects to D/CS0 and /S1 connects to CSR on a pair of Registers. /S1 connects to D/CS and /S0 connects to /CSR on another pair of Registers.
** /RESET,PCK7 and /PCK7 connect to both Registers. Other signals connect to two Registers.
*** A13-15, BA2 have the optional pull down resistors(100K ohms), which is not indicated here.
SA0
SA1
SA2
W
P
SCL
SDA
A0
A1
A2
Serial PD
SCL
U0
SDA
VDD SPD
VREF
VDD/VDDQ
VSS
Serial
PD
DO to D35
DO to D35
DO to D35
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8,PCK9
= > CK : SDRAMs D0-D35
/PCK0 to /PCK6, /PCK8,/PCK9
= > /CK : SDRAMs D0-D35
PCK7 = > CK: Register
/PCK7 = > /CK: Register
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
D0
D18
D1
D19
D2
D20
D3
D21
D8
D26
D4
D22
D5
D23
D6
D24
D7
D25
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
IO0
I/O1
I/O2
I/O3
DQS
/CS
DM
I/O0
I/O1
I/O2
I/O3
/DQS
DQS
/CS
DM
/ DQS
D9
D27
D10
D28
D11
D29
D12
D30
D17
D35
D13
D31
D14
D32
D15
D33
D16
D34
Register
C0
A1
C1
PAR_IN
PPO
/QERR
VSS
VDD
Register
C0
A1
C1
PAR_IN
PPO
/QERR
VDD
Register
C0
A1
C1
PAR_IN
PPO
/QERR
VSS
VDD
Register
C0
A1
C1
PAR_IN
PPO
/QERR
VDD
VDD
VDD
Signals for Address and Command
Parity Function
Register A1 and A2 and A2 share the a part of
Addr/Cmd input signal set.
Register B1 and B2 share the rest part of
Addr/Cmd input signal set.
The resistors on Par_In, A13, A14, A15, BA2 and
the signal line of Err_Out refer to the section:
“Register Options for Unused Address inputs”
/Err_Out


Similar Part No. - HYMP512R72CP8-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512R72CP8-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com