Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP564P7FFP8C-Y5 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HMP564P7FFP8C-Y5
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP564P7FFP8C-Y5 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HMP564P7FFP8C-Y5 Datasheet HTML 1Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 2Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 3Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 4Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 5Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 6Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 7Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 8Page - Hynix Semiconductor HMP564P7FFP8C-Y5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Rev. 0.1 / May. 2008
2
1
240pin Registered DDR2 SDRAM DIMMs
FEATURES
ADDRESS TABLE
Density Organization Ranks
SDRAMs
# of
DRAMs
# of row/bank/column Address
Refresh
Method
512MB
64M x 72
1
64Mb x 8
9
14(A0~A13)/2(BA0~BA1)/10(A0~A9)
8K / 64ms
1GB
128M x 72
1
128Mb x 4
18
14(A0~A13)/2(BA0~BA1)/11(A0~A9,A11) 8K / 64ms
2GB
256M x 72
2
128Mb x 4
36
14(A0~A13)/2(BA0~BA1)/11(A0~A9,A11) 8K / 64ms
JEDEC standard 1.8V +/- 0.1V Power Supply
•VDDQ : 1.8V +/- 0.1V
All inputs and outputs are compatible with SSTL_1.8 interface
•4 Bank architecture
•Posted CAS
Programmable CAS Latency 3 , 4 , 5
OCD (Off-Chip Driver Impedance Adjustment)
ODT (On-Die Termination)
Fully differential clock operations (CK & CK)
Programmable Burst Length 4 / 8 with both sequential and interleave mode
Average Auto Refresh Period 7.8us under TCASE 85℃, 3.9us at 85℃ < TCASE ≤ 95 ℃
High Temperature Self-Refresh Entry enable features
PASR(Partial Array Self- Refresh)
8192 refresh cycles / 64ms
Serial presence detect with EEPROM
DDR2 SDRAM Package: 60ball FBGA
133.35 x 30.00 mm form factor
Lead-free Products are RoHS compliant


Similar Part No. - HMP564P7FFP8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP564F7FFP8C-S5 HYNIX-HMP564F7FFP8C-S5 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP564F7FFP8C-S6D3 HYNIX-HMP564F7FFP8C-S6D3 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP564F7FFP8C-Y5 HYNIX-HMP564F7FFP8C-Y5 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP564F7FFP8C-Y5N3 HYNIX-HMP564F7FFP8C-Y5N3 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
More results

Similar Description - HMP564P7FFP8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com