Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT41GV7AMR8C-H9 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMT41GV7AMR8C-H9
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT41GV7AMR8C-H9 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMT41GV7AMR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT41GV7AMR8C-H9 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Rev. 0.02 / Apr. 2009
9
2.3 Pin Assignment
Pin #
Front Side
(left 1–60)
Pin #
Back Side
(right 121–180)
Pin #
Front Side
(left 61–120) Pin #
Back Side
(right 181–240)
1VREFDQ
121
VSS
61
A2
181
A1
2
VSS
122
DQ4
62
VDD
182
VDD
3
DQ0
123
DQ5
63
NC, CK1
183
VDD
4DQ1
124
VSS
64
NC, CK1184
CK0
5
VSS
125
DM0,DQS9,TDQS9
65
VDD
185
CK0
6DQS0126
NC, DQS9,TDQS9
66
VDD
186
VDD
7DQS0
127
VSS
67
VREFCA
187
EVENT, NC
8
VSS
128
DQ6
68
Par_in, NC
188
A0
9
DQ2
129
DQ7
69
VDD
189
VDD
10
DQ3
130
VSS
70
A10 / AP
190
BA1
11
VSS
131
DQ12
71
BA0
191
VDD
12
DQ8
132
DQ13
72
VDD
192
RAS
13
DQ9
133
VSS
73
WE
193
S0
14
VSS
134
DM1,DQS10,TDQS10
74
CAS
194
VDD
15
DQS1135
NC,DQS10,TDQS10
75
VDD
195
ODT0
16
DQS1
136
VSS
76
S1, NC
196
A13
17
VSS
137
DQ14
77
ODT1, NC
197
VDD
18
DQ10
138
DQ15
78
VDD
198
S3, NC
19
DQ11
139
VSS
79
S2, NC
199
VSS
20
VSS
140
DQ20
80
VSS
200
DQ36
21
DQ16
141
DQ21
81
DQ32
201
DQ37
22
DQ17
142
VSS
82
DQ33
202
VSS
23
VSS
143
DM2,DQS11,TDQS11
83
VSS
203
DM4,DQS13,TDQS13
24
DQS2144
NC,DQS11,TDQS11
84
DQS4204
NC, DQS13,TDQS13
25
DQS2
145
VSS
85
DQS4
205
VSS
26
VSS
146
DQ22
86
VSS
206
DQ38
27
DQ18
147
DQ23
87
DQ34
207
DQ39
28
DQ19
148
VSS
88
DQ35
208
VSS
29
VSS
149
DQ28
89
VSS
209
DQ44
30
DQ24
150
DQ29
90
DQ40
210
DQ45
31
DQ25
151
VSS
91
DQ41
211
VSS
32
VSS
152
DM3,DQS12,TDQS12
92
VSS
212
DM5,DQS14,TDQS14
33
DQS3153
NC, DQS12,TDQS12
93
DQS5213
NC, DQS14,TDQS14
NC = No Connect; RFU = Reserved Future Use


Similar Part No. - HMT41GV7AMR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT41GV7AFR4A HYNIX-HMT41GV7AFR4A Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-H9 HYNIX-HMT41GV7AFR4A-H9 Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-PB HYNIX-HMT41GV7AFR4A-PB Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4A-RD HYNIX-HMT41GV7AFR4A-RD Datasheet
1Mb / 69P
   DDR3L SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT41GV7AFR4C HYNIX-HMT41GV7AFR4C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
More results

Similar Description - HMT41GV7AMR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com