Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT125U6AFP8C-H8 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HMT125U6AFP8C-H8
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125U6AFP8C-H8 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HMT125U6AFP8C-H8 Datasheet HTML 2Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 3Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 4Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 5Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 6Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 7Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 8Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 9Page - Hynix Semiconductor HMT125U6AFP8C-H8 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Rev. 0.1 / Dec 2008
6
HMT164U6AFP(R)6C
HMT112U6(7)AFP(R)8C
HMT125U6(7)AFP(R)8C
1.2 Speed Grade & Key Parameters
1.3 Address Table
MT/S
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
Unit
Grade
-S6
-S5
-G8
-G7
-H9
-H8
-P1
-P9
tCK(min)
2.5
1.875
1.5
1.25
ns
CAS Latency
6
5
87
98
10
9
tCK
tRCD(min)
15
12.5
15
13.125
13.5
12
12.5
11.25
ns
tRP(min)
15
12.5
15
13.125
13.5
12
12.5
11.25
ns
tRAS(min)
37.5
37.5
37.5
37.5
36
36
35
35
ns
tRC(min)
52.5
50
52.5
50.625
49.5
48
47.25
46.25
ns
CL-tRCD-tRP
6-6-6
5-5-5
8-8-8
7-7-7
9-9-9
8-8-8
10-10-10
9-9-9
tCK
512MB
1GB
1GB
2GB
2GB
Organization
64M x 64
128M x 64
128M x 72
256M x 64
256M x 72
Refresh Method
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
Row Address
A0-A12
A0-A13
A0-A13
A0-A13
A0-A13
Column Address
A0-A9
A0-A9
A0-A9
A0-A9
A0-A9
Bank Address
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
Page Size
2KB
1KB
1KB
1KB
1KB
# of Rank
111
2
2
# of Device
4
8
9
16
18


Similar Part No. - HMT125U6AFP8C-H8

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125U6BFR8C HYNIX-HMT125U6BFR8C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U6BFR8C-G7 HYNIX-HMT125U6BFR8C-G7 Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U6BFR8C-H9 HYNIX-HMT125U6BFR8C-H9 Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT125U6TFR8C-G7 HYNIX-HMT125U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT125U6TFR8C-H9 HYNIX-HMT125U6TFR8C-H9 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT125U6AFP8C-H8

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com