Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT451S6MMP8C-G7 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT451S6MMP8C-G7
Description  204pin DDR3 SDRAM SODIMM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451S6MMP8C-G7 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT451S6MMP8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 10Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 11Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 12Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 13Page - Hynix Semiconductor HMT451S6MMP8C-G7 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Rev. 0.2 / Apr. 2009
10
HMT451S6MMP(R)8C
3.1 4GB, 512Mx64 Module(2Rank of x8)
Vtt
DQS7
DQS7
DM7
DQ [56:63]
DQS3
DQS3
DM3
DQ [24:31]
DQS5
DQS5
DM5
DQ [40:47]
DQS0
DQS0
DM0
DQ [0:7]
DQS
DQS
DM
DQ [0:7]
D0,D8
240ohm
ZQ
+/-1%
DQS2
DQS2
DM2
DQ [16:23]
DQS
DQS
DM
DQ [0:7]
D1,D9
240ohm
ZQ
+/-1%
DQS4
DQS4
DM4
DQ [32:39]
DQS
DQS
DM
DQ [0:7]
D2,D10
240ohm
ZQ
+/-1%
DQS6
DQS6
DM6
DQ [48:55]
DQS
DQS
DM
DQ [0:7]
D3,D11
240ohm
ZQ
+/-1%
Vtt
VDD
DQS
DQS
DM
DQ [0:7]
D4,D12
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D5,D13
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D6,D14
240ohm
ZQ
+/-1%
DQS
DQS
DM
DQ [0:7]
D7,D15
240ohm
ZQ
+/-1%
VDD
A2
Temp Sensor
SDA
D0–D15
VDDSPD
SPD/TS
D0–D15
VREFCA
SCL
Vtt
D0–D15
VDD
EVENT
A1
A0
SCL
SA0
SA1
(with SPD)
EVENT
A2
SDA
SCL
WP
A1
A0
SCL
SA0
SA1
(SPD)
Vtt
VREFDQ
VSS
CK0
CK0
CK1
CK1
EVENT
RESET
D0–D7, SPD, TS
D0–D3, D8-D11
D4–D7, D12-D15
Temp Sensor
D0-D15
NOTES
1. DQ wiring may differ from that shown how-
ever, DQ, DM, DQS, and DQS relationships are
maintained as shown
Address and Control Lines
Rank 0
The SPD may be
integrated with the Temp Sensor or may be
a separate component
D0–D3, D8-D11
D4–D7, D12-D15
D0,D8
D1,D9
D2,D10
D3,D11
D4,D12
D5,D13
D6,D14
D7,D15
V1
V2
V4
V3
V1
V2
V4
V3
Rank 1
DQS1
DQS1
DM1
DQ [8:15]
(Stacked)
(Stacked)
(Stacked)
(Stacked)
(Stacked)
(Stacked)
(Stacked)
(Stacked)
CKE0
S0
CKE1
S1
D0–D7
D8–D15
D0–D7
D8–D15
ODT0
ODT1
D0–D7
D8–D15


Similar Part No. - HMT451S6MMP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451S6MFR8A HYNIX-HMT451S6MFR8A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-G7 HYNIX-HMT451S6MFR8A-G7 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-H9 HYNIX-HMT451S6MFR8A-H9 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-PB HYNIX-HMT451S6MFR8A-PB Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8C HYNIX-HMT451S6MFR8C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
More results

Similar Description - HMT451S6MMP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com