Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT451S6MMP8C-S6 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMT451S6MMP8C-S6
Description  204pin DDR3 SDRAM SODIMM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT451S6MMP8C-S6 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMT451S6MMP8C-S6 Datasheet HTML 1Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 2Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 3Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 4Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 5Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 6Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 7Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 8Page - Hynix Semiconductor HMT451S6MMP8C-S6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Rev. 0.2 / Apr. 2009
4
HMT451S6MMP(R)8C
• VDD=VDDQ=1.5V
• VDDSPD=3.0V to 3.6V
• Fully differential clock inputs (CK, /CK) operation
• Differential Data Strobe (DQS, /DQS)
• On chip DLL align DQ, DQS and /DQS transition with
CK transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data, data
strobes and data masks latched on the rising edges of
the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, and (11)
supported
• Programmable additive latency 0, CL-1 and CL-2 sup-
ported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8 banks
• 8K refresh cycles /64ms
• DDR3 SDRAM Package: JEDEC standard 82ball
FBGA(x4/x8) with support balls
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• Auto Self Refresh supported
• 8 bit pre-fetch
1. Description
This Hynix unbuffered Small Outline Dual In-Line Memory Module (SODIMM) series consists of 2Gb M version. DDR3
SDRAMs in Fine Ball Grid Array (FBGA) packages on a 204 pin glass-epoxy substrate. This DDR3 Unbuffered SODIMM
series based on 2Gb M ver. provide a high performance 8 byte interface in 67.60mm width form factor of industry stan-
dard. It is suitable for easy interchange and addition.
1.1 Device Features & Ordering Information
1.1.1 Features
1.1.2 Ordering Information
*Information on temperature sensor can be found on the label:
T0 indicates that the DIMM has temperature sensor.
N0 indicates that the DIMM does not have temperature sensor.
Part Name
Density
Organization
# of
DRAMs
# of
ranks
Materials
HMT451S6MMP8C-S6/G7*
4GB
512Mx64
16
2
Lead free
HMT451S6MMR8C-S6/G7*
4GB
512Mx64
16
2
Halogen free


Similar Part No. - HMT451S6MMP8C-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT451S6MFR8A HYNIX-HMT451S6MFR8A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-G7 HYNIX-HMT451S6MFR8A-G7 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-H9 HYNIX-HMT451S6MFR8A-H9 Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8A-PB HYNIX-HMT451S6MFR8A-PB Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6MFR8C HYNIX-HMT451S6MFR8C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
More results

Similar Description - HMT451S6MMP8C-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com