Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP351S6AFR8C-Y5 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMP351S6AFR8C-Y5
Description  200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP351S6AFR8C-Y5 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMP351S6AFR8C-Y5 Datasheet HTML 3Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 4Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 5Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 6Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 7Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 8Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 9Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 10Page - Hynix Semiconductor HMP351S6AFR8C-Y5 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Rev. 1.0 / Dec. 2009
7
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
INPUT DC LOGIC LEVEL
INPUT AC LOGIC LEVEL
AC INPUT TEST CONDITIONS
Notes:
1. Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device
under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising edges
and the range from VREF to VIL(ac) max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL (ac) to VIH (ac) on the positive transitions
and VIH (ac) to VIL (ac) on the negative transitions.
Parameter
Symbol
Min
Max
Unit
Note
dc Input logic HIGH
VIH(DC)
VREF + 0.125
VDDQ + 0.3
V
dc Input logic LOW
VIL(DC)
-0.30
VREF - 0.125
V
Parameter
Symbol
DDR2 667/800
Unit
Min
Max
AC Input logic HIGH
VIH(AC)
VREF + 0.200
-
V
AC Input logic LOW
VIL(AC)
-VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
VSWING(MAX)
delta TR
delta TF
VREF - VIL(ac) max
delta TF
Falling Slew =
Rising Slew =
VIH(ac)min - VREF
delta TR
< Figure: AC Input Test Signal Waveform>


Similar Part No. - HMP351S6AFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP351U6AFR8C-S5 HYNIX-HMP351U6AFR8C-S5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP351U6AFR8C-S6 HYNIX-HMP351U6AFR8C-S6 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP351U7AFR8C-S5 HYNIX-HMP351U7AFR8C-S5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP351U7AFR8C-S6 HYNIX-HMP351U7AFR8C-S6 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
More results

Similar Description - HMP351S6AFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD216M646DL6-D43 HYNIX-HYMD216M646DL6-D43 Datasheet
738Kb / 23P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMT325U7CFR8A HYNIX-HMT325U7CFR8A Datasheet
1,013Kb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com