Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT112S6AFP6C-H9 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HMT112S6AFP6C-H9
Description  204pin DDR3 SDRAM SODIMMs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112S6AFP6C-H9 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HMT112S6AFP6C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT112S6AFP6C-H9 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Rev. 0.2 / Dec. 2008
6
HMT164S6AFP(R)6C
HMT112S6AFP(R)6C
HMT125S6AFP(R)8C
1.2 Speed Grade & Key Parameters
1.3 Address Table
MT/S
DDR3-800
DDR3-1066
DDR3-1333
Unit
Grade
-S6
-S5
-G8
-G7
-H9
-H8
tCK (min)
2.5
1.875
1.5
ns
CAS Latency
6
5
8798
tCK
tRCD (min)
15
12.5
15
13.125
13.5
12
ns
tRP (min)
15
12.5
15
13.125
13.5
12
ns
tRAS (min)
37.5
37.5
37.5
37.5
36
36
ns
tRC (min)
52.5
50
52.5
50.625
49.5
48
ns
CL-tRCD-tRP
6-6-6
5-5-5
8-8-8
7-7-7
9-9-9
8-8-8
tCK
512MB
1GB
2GB
Organization
64M x 64
128M x 64
256M x 64
Refresh Method
8K/64ms
8K/64ms
8K/64ms
Row Address
A0-A12
A0-A12
A0-A13
Column Address
A0-A9
A0-A9
A0-A9
Bank Address
BA0-BA2
BA0-BA2
BA0-BA2
Page Size
2KB
2KB
1KB
# of Rank
12
2
# of Device
48
16


Similar Part No. - HMT112S6AFP6C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112S6BFR6C-G7 HYNIX-HMT112S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT112S6BFR6C-H9 HYNIX-HMT112S6BFR6C-H9 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-H9 HYNIX-HMT112S6TFR8A-H9 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C HYNIX-HMT112S6TFR8C Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
More results

Similar Description - HMT112S6AFP6C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com