Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT112U7AFP8C-G8 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT112U7AFP8C-G8
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112U7AFP8C-G8 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT112U7AFP8C-G8 Datasheet HTML 3Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 4Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 5Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 6Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 7Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 8Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 9Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 10Page - Hynix Semiconductor HMT112U7AFP8C-G8 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Rev. 0.1 / Dec 2008
7
HMT164U6AFP(R)6C
HMT112U6(7)AFP(R)8C
HMT125U6(7)AFP(R)8C
2. Pin Architecture
2.1 Pin Definition
Pin Name
Description
Pin Name
Description
A0–A13
SDRAM address bus
SCL
I2C serial bus clock for EEPROM
BA0–BA2
SDRAM bank select
SDA
I2C serial bus data line for EEPROM
RAS
SDRAM row address strobe
SA0–SA2
I2C slave address select for EEPROM
CAS
SDRAM column address strobe
VDD*
SDRAM core power supply
WE
SDRAM write enable
VDDQ*
SDRAM I/O Driver power supply
S0–S1
DIMM Rank Select Lines
VREFDQ
SDRAM I/O reference supply
CKE0–CKE1
SDRAM clock enable lines
VREFCA
SDRAM command/address reference
supply
ODT0–ODT1
On-die termination control lines
VSS
Power supply return (ground)
DQ0–DQ63
DIMM memory data bus
VDDSPD
Serial EEPROM positive power supply
CB0–CB7
DIMM ECC check bits
NC
Spare pins (no connect)
DQS0–DQS8
SDRAM data strobes
(positive line of differential pair)
TEST
Memory bus analysis tools
(unused on memory DIMMS)
DQS0–DQS8
SDRAM data strobes
(negative line of differential pair)
RESET
Set DRAMs to Known State
DM0–DM8
SDRAM data masks/high data strobes
(x8-based x72 DIMMs)
VTT
SDRAM I/O termination supply
CK0–CK1
SDRAM clocks
(positive line of differential pair)
RFU
Reserved for future use
CK0–CK1
SDRAM clocks
(negative line of differential pair)
-
-
*The VDD and VDDQ pins are tied common to a single power-plane on these designs


Similar Part No. - HMT112U7AFP8C-G8

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C HYNIX-HMT112U7BFR8C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT112U7BFR8C-H9 HYNIX-HMT112U7BFR8C-H9 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT112U7AFP8C-G8

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com