Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5LS10106ASZWTQQ1R Datasheet(PDF) 11 Page - Texas Instruments

Part # P5LS10106ASZWTQQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P5LS10106ASZWTQQ1R Datasheet(HTML) 11 Page - Texas Instruments

Back Button P5LS10106ASZWTQQ1R Datasheet HTML 7Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 8Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 9Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 10Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 11Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 12Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 13Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 14Page - Texas Instruments P5LS10106ASZWTQQ1R Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
www.ti.com
SPNS141 – MARCH 2010
2.2.3
System Modules Assignment
This table shows the memory map for the Cyclic Redundancy Check (CRC) module, the Cortex™-R4F
CoreSight™ debug module, and the System modules.
Table 2-3. System Modules Assignment
Frame Name
Address Range
Frame Start Address
Frame Ending Address
CRC
0xFE00_0000
0xFEFF_FFFF
CoreSight Debug ROM Register
0xFFA0_0000
0xFFA0_0FFF
Cortex-R4F Debug Register
0xFFA0_1000
0xFFA0_1FFF
ETM-R4 Register
0xFFA0_2000
0xFFA0_2FFF
CoreSight TPIU Register
0xFFA0_3000
0xFFA0_3FFF
POM Register
0xFFA0_4000
0xFFA0_4FFF
DMA RAM
0xFFF8_0000
0xFFF8_0FFF
VIM RAM
0xFFF8_2000
0xFFF8_2FFF
RTP RAM
0xFFF8_3000
0xFFF8_3FFF
Flash Wrapper Register
0xFFF8_7000
0xFFF8_7FFF
PCR Register
0xFFFF_E000
0xFFFF_E0FF
Flexray PLL/STC CLK Register
0xFFFF_E100
0xFFFF_E1FF
PBIST Register
0xFFFF_E400
0xFFFF_E5FF
STC Register
0xFFFF_E600
0xFFFF_E6FF
EMIF Register
0xFFFF_E800
0xFFFF_E8FF
DMA Register
0xFFFF_F000
0xFFFF_F3FF
ESM Register
0xFFFF_F500
0xFFFF_F5FF
CCMR4 Register
0xFFFF_F600
0xFFFF_F6FF
DMM Register
0xFFFF_F700
0xFFFF_F7FF
RAM ECC even Register
0xFFFF_F800
0xFFFF_F8FF
RAM ECC odd Register
0xFFFF_F900
0xFFFF_F9FF
RTP Register
0xFFFF_FA00
0xFFFF_FAFF
RTI Register
0xFFFF_FC00
0xFFFF_FCFF
VIM Parity Register
0xFFFF_FD00
0xFFFF_FDFF
VIM Register
0xFFFF_FE00
0xFFFF_FEFF
System Register
0xFFFF_FF00
0xFFFF_FFFF
Copyright © 2010, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Part No. - P5LS10106ASZWTQQ1R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LS10106ASZWTQQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com