Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT125V7AFP8C-H9 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT125V7AFP8C-H9
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125V7AFP8C-H9 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT125V7AFP8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 11Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 12Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 13Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 14Page - Hynix Semiconductor HMT125V7AFP8C-H9 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Rev. 0.2 / December 2008
11
3. Functional Block Diagram
3.1 1GB, 128Mx72 Module(1Rank of x8)
CB[7:0]
DQS8_t
DQS8_c
DM8/DQS17_t
DQS17_c
Vtt
DQ[31:24]
DQS3_t
DQS3_c
DM3/DQS12_t
DQS12_c
DQ[23:16]
DQS2_t
DQS2_c
DM2/DQS11_t
DQS11_c
DQ[15:8]
DQS1_t
DQS1_c
DM1/DQS10_t
DQS10_c
DQ[7:0]
DQS0_t
DQS0_c
DM0/DQS9_t
DQS9_c
DQS_t
DQS_c
TDQS_t
TDQS_c
D8
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D3
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D2
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D1
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D0
DQ [7:0]
ZQ
DQ[39:32]
DQS4_t
DQS4_c
DM4/DQS13_t
DQS13_c
Vtt
DQ[47:40]
DQS5_t
DQS5_c
DM5/DQS14_t
DQS14_c
DQ[55:48]
DQS6_t
DQS6_c
DM6/DQS15-t
DQS15_c
DQ[63:56]
DQS7_t
DQS7_c
DM7/DQS16_t
DQS16_c
DQS_t
DQS_c
TDQS_t
TDQS_c
D4
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D5
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D6
DQ [7:0]
ZQ
DQS_t
DQS_c
TDQS_t
TDQS_c
D7
DQ [7:0]
ZQ
S0_n
S1_n
BA[N:0]
A[N:0]
RAS_n
CAS_n
WE_n
CKE0
ODT0
CK0_t
CK0_c
PAR_IN
RS0A_n → CS0_n: SDRAMs D[3:0], D8
RS0BCK_n → CS0_n: SDRAMs D[7:4]
RBA[N:0]A → BA[N:0]: SDRAMs D[3:0], D8
RRASB_n → RAS_n: SDRAMs D[7:4]
RBA[N:0]B → BA[N:0]: SDRAMs D[7:4]
RA[N:0]B → A[N:0]: SDRAMs D[7:4]
RA[N:0]A → A[N:0]: SDRAMs D[3:0], D8
RRASA_n → RAS_n: SDRAMs D[3:0], D8
RCASB_n → CAS_n: SDRAMs D[7:4]
RCASA_n → CAS_n: SDRAMs D[3:0], D8
RWEB_n → WE_n: SDRAMs D[7:4]
RWEA_n → WE_n: SDRAMs D[3:0], D8
RCKE0B → CKE0: SDRAMs D[7:4]
RCKE0A → CKE0: SDRAMs D[3:0], D8
RODT0B → ODT0: SDRAMs D[7:4]
RODT0A → ODT0: SDRAMs D[3:0], D8
PCK0B_t → CK_t: SDRAMs D[7:4]
PCK0A_t → CK_t: SDRAMs D[3:0], D8
PCK0B_c → CK_c: SDRAMs D[7:4]
PCK0A_c → CK_c: SDRAMs D[3:0], D8
Err_Out_n
OERR_n
RESET_n
RST_n
RST_n: SDRAMs D[8:0]
S[3:2], CKE1, ODT1, are NC (Unused register inputs ODT1 and CKE1 have a 120...330Ω resistor to ground
1:
2
R
E
G
I
S
T
E
R
/
P
D0–D8
VDD
VTT
VDDSPD
D0–D8
VREFDQ
SPD
VREFCA
VSS
D0–D8
D0–D8
Note:
1.DQ-to-I/O wiring may be changed within byte.
2.ZQ resistors are 240Ω± 1%.For all other resistor values refer to the
appropriate wiring diagram.
VDDSPD
EVENT
SCL
SDA
SA0
SPD with
Integrated
TS
SA1
SA2
VSS
VDDSPD
EVENT
SCL
SDA
SA0
SA1
SA2
VSS
Plan to use SPD with Integrated TS of Class B and
might be changed on customer’s requests. For more
details of SPD and Thermal sensor, please contact
local Hynix sales representative
120Ω
± 1%
CK1_t
CK1_c
120Ω
± 1%
L
L


Similar Part No. - HMT125V7AFP8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125V7BFR4C-G7 HYNIX-HMT125V7BFR4C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR4C-H9 HYNIX-HMT125V7BFR4C-H9 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR8C-G7 HYNIX-HMT125V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT125V7BFR8C-H9 HYNIX-HMT125V7BFR8C-H9 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
More results

Similar Description - HMT125V7AFP8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com