Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT112V7AFP8C-G7 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT112V7AFP8C-G7
Description  240pin DDR3 SDRAM VLP Registered DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112V7AFP8C-G7 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT112V7AFP8C-G7 Datasheet HTML 3Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 4Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 5Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 6Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 7Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 8Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 9Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 10Page - Hynix Semiconductor HMT112V7AFP8C-G7 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Rev. 0.2 / December 2008
7
2.2 Input/Output Functional Description
Symbol
Type
Polarity
Function
CK0
IN
Positive Line
Positive line of the differential pair of system clock inputs that drives input
to the on-DIMM Clock Driver.
CK0
IN
Negative Line
Negative line of the differential pair of system clock inputs that drives the
input to the on-DIMM Clock Driver.
CK1
IN
Positive Line Terminated but not used on RDIMMs
CK1
IN
Negative Line Terminated but not used on RDIMMs
CKE0–CKE1
IN
Active High
CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers of the SDRAMs. Taking CKE LOW
provides PRECHARGE POWER-DOWN and SELF REFRESH operation (all
banks idle), or ACTIVE POWER DOWN (row ACTIVE in any bank)
S0–S3IN
Active Low
Enables the command decoders for the associated rank of SDRAM when
low and disables decoders.When decoders are disabled, new commands
are ignored and previous operations continue.Other combinations of these
input signals perform unique functions, including disabling all outputs
(except CKE and ODT) of the register(s) on the DIMM or accessing internal
control words in the register device(s).For modules with two regis-
ters,S[3:2] operate similarly to S[1:0] for the second set of register out-
puts or register control words.
RAS, CAS, WE
IN
Active Low
When sampled at the positive rising edge of the clock, CAS, RAS, and WE
define the operation to be executed by the SDRAM.
ODT0–ODT1
IN
Active High On-Die Termination control signals
VREFDQ
Supply
Reference voltage for DQ0-DQ63 and CB0-CB7
VREFCA
Supply
Reference voltage for A0-A15, BA0-BA2, RAS, CAS, WE, S0, S1, CKE0,
CKE1, Par_In, ODT0 and ODT1.
VDDQ
Supply
Power supply for the DDR3 SDRAM output buffers to provide improved
noise immunity. For all current DDR3 unbuffered DIMM designs, VDDQ
shares the same power plane as VDD pins.
BA0–BA2
IN
Selects which SDRAM bank of eight is activated.
BA0-BA2 define to which bank an Active, Read, Write or Precharge com-
mand is being applied.Bank address also determines mode register is to be
accessed during an MRS cycle.
A0-A9
A10/AP
A11
A12/BC
A13-A15
IN
Provided the row address for Active commands and the column address
and Auto Precharge bit for Read/Write commands to select one location
out of the memory array in the respective bank.A10 is sampled during a
Precharge command to determine whether the Precharge applies to one
bank (A10 LOW) or all banks (A10 HIGH).If only one bank is to be pre-
charged, the bank is selected by BA.A12 is also utilized for BL 4/8 identifi-
cation for “BL on the fly” during CAS command. The address inputs also
provide the op-code during Mode Register Set commands.
DQ0–DQ63,
CB0–CB7
I/O
Data and Check Bit Input/Output pins.


Similar Part No. - HMT112V7AFP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-H9 HYNIX-HMT112V7BFR8C-H9 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
More results

Similar Description - HMT112V7AFP8C-G7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325V7AFR8C-G7 HYNIX-HMT325V7AFR8C-G7 Datasheet
1Mb / 35P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112V7BFR8C-G7 HYNIX-HMT112V7BFR8C-G7 Datasheet
834Kb / 29P
   240pin DDR3 SDRAM VLP Registered DIMM
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7BFR8C-G7 HYNIX-HMT325R7BFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com