Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBMP0.47100K15-TR Datasheet(PDF) 2 Page - Dubilier

Part # LBMP0.47100K15-TR
Description  CAPACITORS BOX POLYESTER LBMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBMP0.47100K15-TR Datasheet(HTML) 2 Page - Dubilier

  LBMP0.47100K15-TR Datasheet HTML 1Page - Dubilier LBMP0.47100K15-TR Datasheet HTML 2Page - Dubilier LBMP0.47100K15-TR Datasheet HTML 3Page - Dubilier LBMP0.47100K15-TR Datasheet HTML 4Page - Dubilier LBMP0.47100K15-TR Datasheet HTML 5Page - Dubilier LBMP0.47100K15-TR Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
0
CASE DIMENSIONS (mm) - 10mm PITCH
CAPACITORS
BOX POLYESTER LBMP
CASE DIMENSIONS (mm) - 7.5mm PITCH
Voltage DC/AC
Capacitance
v/0v
100v/v
50v/10v
00v/00v
b
h
l
b
h
l
b
h
l
b
h
l
1.0nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
1.5nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
2.2nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
3.3nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
4.7nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
6.8nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
10nF
-
-
-
-
-
-
-
-
-
2.5
7.0
10.0
15nF
-
-
-
-
-
-
2.5
7.0
10.0
3.0
8.0
10.0
22nF
-
-
-
-
-
-
2.5
7.0
10.0
4.0
8.5
10.0
33nF
-
-
-
-
-
-
2.5
7.0
10.0
5.0
10.5
10.0
47nF
-
-
-
2.5
7.0
10.0
2.5
7.0
10.0
5.0
10.5
10.0
68nF
2.5
7.0
10.0
2.5
7.0
10.0
3.0
8.0
10.0
6.0
12.0
10.0
0.1µF
2.5
7.0
10.0
2.5
7.0
10.0
4.0
8.5
10.0
0.15µF
2.5
7.0
10.0
3.0
8.0
10.0
5.0
10.5
10.0
0.22µF
2.5
7.0
10.0
3.0
8.0
10.0
6.0
12.0
10.5
0.33µF
2.5
7.0
10.0
4.0
8.5
10.0
0.47µF
3.0
8.0
10.0
5.0
10.5
10.0
0.68µF
4.0
8.5
10.0
6.0
12.0
10.0
1.0µF
5.0
10.5
10.0
6.0
12.0
10.5
1.5µF
5.0
10.5
10.0
2.2µF
6.0
12.0
10.0
Voltage DC/AC
Capacitance
v/0v
100v/v
50v/10v
00v/00v
0v/0v
b
h
l
b
h
l
b
h
l
b
h
l
b
h
l
6.8nF
-
-
-
-
-
-
-
-
-
-
-
-
4.0
9.0
13.0
10nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
15nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
22nF
-
-
-
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
33nF
-
-
-
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
6.0
12.0
13.0
47nF
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
68nF
-
-
-
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.1µF
-
-
-
4.0
7.0
13.0
4.0
7.0
13.0
6.0
12.0
13.0
0.15µF
-
-
-
4.0
7.0
13.0
4.0
9.0
13.0
0.22µF
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.33µF
-
-
-
4.0
7.0
13.0
5.0
11.0
13.0
0.47µF
4.0
7.0
13.0
4.0
9.0
13.0
6.0
12.0
13.0
0.68µF
4.0
7.0
13.0
5.0
11.0
13.0
1.0µF
4.0
9.0
13.0
6.0
12.0
13.0
1.5µF
5.0
11.0
13.0
2.2µF
5.0
11.0
13.0
3.3µF
6.0
12.0
13.0


Similar Part No. - LBMP0.47100K15-TR

ManufacturerPart #DatasheetDescription
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
   BOX POLYESTER
More results

Similar Description - LBMP0.47100K15-TR

ManufacturerPart #DatasheetDescription
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
   BOX POLYESTER
DMP DUBILIER-DMP Datasheet
281Kb / 2P
   5mm BOX POLYESTER
MMP DUBILIER-MMP Datasheet
288Kb / 2P
   5mm BOX POLYESTER
logo
List of Unclassifed Man...
167104K100A-F ETC2-167104K100A-F Datasheet
373Kb / 4P
   Radial Box Metallized Polyester Capacitors for Automatic Insertion
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
List of Unclassifed Man...
MFP05S1K ETC1-MFP05S1K Datasheet
306Kb / 2P
   POLYESTER CAPACITORS
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com