Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBMP0.47100J10-TR Datasheet(PDF) 4 Page - Dubilier

Part # LBMP0.47100J10-TR
Description  CAPACITORS BOX POLYESTER LBMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

LBMP0.47100J10-TR Datasheet(HTML) 4 Page - Dubilier

  LBMP0.47100J10-TR Datasheet HTML 1Page - Dubilier LBMP0.47100J10-TR Datasheet HTML 2Page - Dubilier LBMP0.47100J10-TR Datasheet HTML 3Page - Dubilier LBMP0.47100J10-TR Datasheet HTML 4Page - Dubilier LBMP0.47100J10-TR Datasheet HTML 5Page - Dubilier LBMP0.47100J10-TR Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

CAPACITORS
BOX POLYESTER LBMP
AC VOLTAGE Vrms VERSUS FREQUENCY F 7.5mm PITCH
AC VOLTAGE Vrms VERSUS FREQUENCY F 10mm PITCH
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
63Vdc / 40Vac
40
4
2
20
200
400
106
68nF
0.68�F
2.2�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
100Vdc / 63Vac
40
4
2
20
200
400
106
47nF
0.22�F
0.68�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
250Vdc / 160Vac
40
4
2
20
200
400
106
15nF
47nF
0.15�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
400Vdc / 200Vac
40
4
2
20
200
400
106
1.0nF
4.7nF
15nF
68nF
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
63Vdc / 40Vac
40
4
2
20
200
400
106
0.47�F
1.0�F
3.3�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
630Vdc / 220Vac
40
4
2
20
200
400
106
6.8nF
15nF
33nF
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
100Vdc / 63Vac
40
4
2
20
200
400
106
0.1�F
0.33�F
1.0�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
250Vdc / 160Vac
40
4
2
20
200
400
106
33nF
0.15�F
0.47�F
5
5
102
5
103
5
104
Hz
105
ƒ
1
6
10
60
100
Vac
rms
V
400Vdc / 200Vac
40
4
2
20
200
400
106
10nF
33nF
0.1�F
5
5


Similar Part No. - LBMP0.47100J10-TR

ManufacturerPart #DatasheetDescription
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
   BOX POLYESTER
More results

Similar Description - LBMP0.47100J10-TR

ManufacturerPart #DatasheetDescription
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
Dubilier
LBMP DUBILIER-LBMP Datasheet
346Kb / 6P
   BOX POLYESTER
DMP DUBILIER-DMP Datasheet
281Kb / 2P
   5mm BOX POLYESTER
MMP DUBILIER-MMP Datasheet
288Kb / 2P
   5mm BOX POLYESTER
logo
List of Unclassifed Man...
167104K100A-F ETC2-167104K100A-F Datasheet
373Kb / 4P
   Radial Box Metallized Polyester Capacitors for Automatic Insertion
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
List of Unclassifed Man...
MFP05S1K ETC1-MFP05S1K Datasheet
306Kb / 2P
   POLYESTER CAPACITORS
logo
Suntan Capacitors
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com