Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSHVM3330R102JN Datasheet(PDF) 5 Page - Dubilier

Part # DSHVM3330R102JN
Description  SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSHVM3330R102JN Datasheet(HTML) 5 Page - Dubilier

  DSHVM3330R102JN Datasheet HTML 1Page - Dubilier DSHVM3330R102JN Datasheet HTML 2Page - Dubilier DSHVM3330R102JN Datasheet HTML 3Page - Dubilier DSHVM3330R102JN Datasheet HTML 4Page - Dubilier DSHVM3330R102JN Datasheet HTML 5Page - Dubilier DSHVM3330R102JN Datasheet HTML 6Page - Dubilier DSHVM3330R102JN Datasheet HTML 7Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Capacitance
1812
2220
COG
COG
3KV
3KV
10pF
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
RANGE - 3KV, 4KV & 5KV
Capacitance
2220
2225
COG
COG
3KV
3KV
220
270
330
A0
Dependant on chip
B0
size to minimise
K0
rotation
W
8±0.2
F
3.5±0.05
E
1.75±0.1
P1
4±0.1
P2
2±0.05
P0
4±0.1
D0
1.5+0.1-0
D1
1+0.1-0
T
0.3±0.1
T2
0.1 max.
D0
P0
P2
T
K0
T2
A0
B0
P1
D1
Cavity centre
lines
Embossment
E
F W
Sealing
Tape
Feed Direction
TAPE DIMENSIONS


Similar Part No. - DSHVM3330R102JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
More results

Similar Description - DSHVM3330R102JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com