Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSU0402W106KN Datasheet(PDF) 2 Page - Dubilier

Part # DSU0402W106KN
Description  SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSU0402W106KN Datasheet(HTML) 2 Page - Dubilier

  DSU0402W106KN Datasheet HTML 1Page - Dubilier DSU0402W106KN Datasheet HTML 2Page - Dubilier DSU0402W106KN Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
0
SURFACE MOUNT
RANGE
Dielectric
X5R
Case Size
00
00
005
10
110
Rated Voltage (VDC)
.
10
.
10
1
5
.
10
1
5
.
10
1
5
10
1
5
0.22uF (224)
x
x
x
x
0.33uF (334)
x
x
x
x
0.47uF (474)
x
x
x
x
x
0.68uF (684)
x
x
x
x
x
0.82uF (824)
x
x
x
x
x
1.0uF (105)
x
x
x
x
x
x
x
x
x
x
x
1.2uF (125)
x
x
x
x
1.5uF (155)
x
x
x
x
x
x
x
1.8uF (185)
x
x
x
x
x
x
x
2.2uF (225)
x
O
O
O
x
x
x
x
x
x
x
O
O
O
3.3uF (335)
x
x
x
x
x
x
x
O
O
O
4.7uF (475)
O
x
x
x
x
x
x
x
O
O
O
6.8uF (685)
x
x
x
O
O
O
8.2uF (825)
x
x
x
O
O
O
10uF (106)
O
x
x
x
x
x
x
O
O
O
O
12uF (126)
O
O
15uF (156)
O
O
22uF (226)
F
O
x
O
O
33uF (336)
47uF (476)
O
100uF (107)
F=Future
o=Reflow Only
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
General Purpose Ceramic Chip Capacitors Y5V/Z5U Nickel Barrier Terminations
Dielectric
Y5V/Z5U
Case Size
00
005
10
110
11
Rated Voltage (VDC)
10
1
.
10
1
5
10
1
5
1
5
5
1
5
1.5uF (155)
x
x
x
x
2.2uF (225)
x
x
x
x
x
3.3uF (335)
x
x
x
x
x
4.7uF (475)
x
x
x
x
x
x
6.8uF (685)
x
x
x
x
10uF (106)
x
x
x
x
x
x
x
22uF (226)
x
x
x
47uF (476)
x
100uF (107)
x
x
Dielectric
X7R
Case Size
00
005
10
110
Rated Voltage (VDC)
1
5
50
10
1
5
50
1
5
50
5
0.15uF (154)
x
x
0.22uF (224)
x
x
x
0.33uF (334)
x
x
x
0.47uF (474)
x
x
x
x
1.0uF (105)
x
x
x
x
x
x
1.5uF (155)
x
x
x
x
2.2uF (225)
x
x
x
x
x
3.3uF (335)
x
x
x
4.7uF (475)
x
x
x
10uF (106)
x


Similar Part No. - DSU0402W106KN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0603C101JN DUBILIER-DSU0603C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603C103JN DUBILIER-DSU0603C103JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603C104JN DUBILIER-DSU0603C104JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603X101JN DUBILIER-DSU0603X101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603X103JN DUBILIER-DSU0603X103JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results

Similar Description - DSU0402W106KN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSHVJ1206C470JN DUBILIER-DSHVJ1206C470JN Datasheet
259Kb / 7P
   SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com