Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMT125R7AFP4C Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMT125R7AFP4C
Description  DDR3 SDRAM Registered DIMM Based on 1Gb A version
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125R7AFP4C Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMT125R7AFP4C Datasheet HTML 6Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 7Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 8Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 9Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 10Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 11Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 12Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 13Page - Hynix Semiconductor HMT125R7AFP4C Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Rev. 0.4 / Jul. 2009
10
34
DQS3
154
VSS
94
DQS5
214
VSS
35
VSS
155
DQ30
95
VSS
215
DQ46
36
DQ26
156
DQ31
96
DQ42
216
DQ47
37
DQ27
157
VSS
97
DQ43
217
VSS
38
VSS
158
CB4, NC
98
VSS
218
DQ52
39
CB0, NC
159
CB5, NC
99
DQ48
219
DQ53
40
CB1, NC
160
VSS
100
DQ49
220
VSS
41
VSS
161
DM8,DQS17,TDQS17
NC
101
VSS
221
DM6,DQS15,TDQS15
42
DQS8162
NC,DQS17,TDQS17
102
DQS6222
NC, DQS15,TDQS15
43
DQS8
163
VSS
103
DQS6
223
VSS
44
VSS
164
CB6, NC
104
VSS
224
DQ54
45
CB2, NC
165
CB7, NC
105
DQ50
225
DQ55
46
CB3, NC
166
VSS
106
DQ51
226
VSS
47
VSS
167
NC(TEST)
107
VSS
227
DQ60
48
VTT, NC
168
RESET
108
DQ56
228
DQ61
KEY
KEY
109
DQ57
229
VSS
49
VTT, NC
169
CKE1, NC
110
VSS
230
DM7,DQS16,TDQS16
50
CKE0
170
VDD
111
DQS7231
NC, DQS16,TDQS16
51
VDD
171
A15
112
DQS7
232
VSS
52
BA2
172
A14
113
VSS
233
DQ62
53
Err_Out, NC
173
VDD
114
DQ58
234
DQ63
54
VDD
174
A12 / BC
115
DQ59
235
VSS
55
A11
175
A9
116
VSS
236
VDDSPD
56
A7
176
VDD
117
SA0
237
SA1
57
VDD
177
A8
118
SCL
238
SDA
58
A5
178
A6
119
SA2
239
VSS
59
A4
179
VDD
120
VTT
240
VTT
60
VDD
180
A3
Pin #
Front Side
(left 1–60)
Pin #
Back Side
(right 121–180)
Pin #
Front Side
(left 61–120) Pin #
Back Side
(right 181–240)
NC = No Connect; RFU = Reserved Future Use


Similar Part No. - HMT125R7AFP4C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125R7BFR4A-G7 HYNIX-HMT125R7BFR4A-G7 Datasheet
1Mb / 69P
   240pin DDR3L SDRAM Registered DIMM
HMT125R7BFR4A-H9 HYNIX-HMT125R7BFR4A-H9 Datasheet
1Mb / 69P
   240pin DDR3L SDRAM Registered DIMM
HMT125R7BFR4C-G7 HYNIX-HMT125R7BFR4C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT125R7BFR4C-H9 HYNIX-HMT125R7BFR4C-H9 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT125R7BFR8A-G7 HYNIX-HMT125R7BFR8A-G7 Datasheet
1Mb / 69P
   240pin DDR3L SDRAM Registered DIMM
More results

Similar Description - HMT125R7AFP4C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT451R7AFR8C HYNIX-HMT451R7AFR8C Datasheet
1Mb / 71P
   DDR3 SDRAM Registered DIMM Based on 4Gb A-die
HMT451V7AFR8C HYNIX-HMT451V7AFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb A-die
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
HMT451V7MFR8C HYNIX-HMT451V7MFR8C Datasheet
1Mb / 67P
   DDR3 SDRAM VLP Registered DIMM Based on 4Gb M-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
logo
Elpida Memory
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com