Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4005EH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG4005EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4005EH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG4005EH Datasheet HTML 5Page - NXP Semiconductors PMEG4005EH Datasheet HTML 6Page - NXP Semiconductors PMEG4005EH Datasheet HTML 7Page - NXP Semiconductors PMEG4005EH Datasheet HTML 8Page - NXP Semiconductors PMEG4005EH Datasheet HTML 9Page - NXP Semiconductors PMEG4005EH Datasheet HTML 10Page - NXP Semiconductors PMEG4005EH Datasheet HTML 11Page - NXP Semiconductors PMEG4005EH Datasheet HTML 12Page - NXP Semiconductors PMEG4005EH Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PMEGXX05EH_EJ_SER_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
9 of 13
NXP Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 10. Package outline SOD123F
Fig 11. Package outline SOD323F (SC-90)
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMEG2005EH
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEG3005EH
PMEG4005EH
PMEG2005EJ
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEG3005EJ
PMEG4005EJ


Similar Part No. - PMEG4005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4005EH PHILIPS-PMEG4005EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG4005EH PHILIPS-PMEG4005EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG4005EH NEXPERIA-PMEG4005EH Datasheet
211Kb / 8P
   40 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG4005EH NEXPERIA-PMEG4005EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG4005EH-Q NEXPERIA-PMEG4005EH-Q Datasheet
186Kb / 10P
   40 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
More results

Similar Description - PMEG4005EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com