Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD24VS2UQ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD24VS2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD24VS2UQ Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD24VS2UQ Datasheet HTML 1Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 2Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 3Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 4Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 5Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 6Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 7Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 8Page - NXP Semiconductors PESD24VS2UQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PESDXS2UQ_SER_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
5 of 13
NXP Semiconductors
PESDxS2UQ series
Double ESD protection diodes in SOT663 package
[1]
Non-repetitive current pulse 8/20
μs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured across either pins 1 and 3 or pins 2 and 3.
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S2UQ
-
200
275
pF
PESD5V0S2UQ
-
150
215
pF
PESD12VS2UQ
-
38
100
pF
PESD15VS2UQ
-
32
70
pF
PESD24VS2UQ
-
23
50
pF
VCL
clamping voltage
[1][2]
PESD3V3S2UQ
IPP =1A
-
-
8
V
IPP =15A
-
-
20
V
PESD5V0S2UQ
IPP =1A
-
-
9
V
IPP =15A
-
-
20
V
PESD12VS2UQ
IPP =1A
-
-
19
V
IPP =5A
-
-
35
V
PESD15VS2UQ
IPP =1A
-
-
23
V
IPP =5A
-
-
40
V
PESD24VS2UQ
IPP =1A
-
-
36
V
IPP =3A
-
-
70
V
rdif
differential resistance
PESD3V3S2UQ
IR =5 mA
-
-
40
Ω
PESD5V0S2UQ
IR =5 mA
-
-
15
Ω
PESD12VS2UQ
IR =5 mA
-
-
15
Ω
PESD15VS2UQ
IR =1 mA
-
-
225
Ω
PESD24VS2UQ
IR =0.5 mA
-
-
300
Ω
Table 8.
Characteristics …continued
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PESD24VS2UQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS2UQ PHILIPS-PESD24VS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESD24VS2UQ NXP-PESD24VS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
logo
Nexperia B.V. All right...
PESD24VS2UQ NEXPERIA-PESD24VS2UQ Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESD24VS2UQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com