Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEGXX05EH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEGXX05EH
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEGXX05EH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEGXX05EH Datasheet HTML 3Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 4Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 5Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 6Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 7Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 8Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 9Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 10Page - NXP Semiconductors PMEGXX05EH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMEGXX05EH_EJ_SER_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2010
7 of 13
NXP Semiconductors
PMEGxx05EH/EJ series
0.5 A very low VF MEGA Schottky barrier rectifiers
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
Fig 4.
PMEG3005EH, PMEG3005EJ: Forward current
as a function of forward voltage; typical values
Fig 5.
PMEG3005EH, PMEG3005EJ: Reverse current
as a function of reverse voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 6.
PMEG3005EH, PMEG3005EJ: Diode capacitance as a function of reverse voltage; typical values
006aaa250
1
10−1
102
10
103
IF
(mA)
10−2
VF (V)
0
0.5
0.4
0.2
0.3
0.1
(1)
(2)
(3)
(4)
(5)
006aaa251
VR (V)
030
20
10
IR
(
μA)
1
10−2
10−1
104
103
102
10
105
10−3
(1)
(2)
(3)
(4)
(5)
VR (V)
030
20
10
006aaa252
40
80
120
Cd
(pF)
0


Similar Part No. - PMEGXX05EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
More results

Similar Description - PMEGXX05EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEG3005EB NXP-PMEG3005EB Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com