Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSU1206X101JN Datasheet(PDF) 6 Page - Dubilier

Part # DSU1206X101JN
Description  SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSU1206X101JN Datasheet(HTML) 6 Page - Dubilier

  DSU1206X101JN Datasheet HTML 1Page - Dubilier DSU1206X101JN Datasheet HTML 2Page - Dubilier DSU1206X101JN Datasheet HTML 3Page - Dubilier DSU1206X101JN Datasheet HTML 4Page - Dubilier DSU1206X101JN Datasheet HTML 5Page - Dubilier DSU1206X101JN Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
3.2 TEMPERATURE
3.1 FREQUENCY
3. AGEING
Capacitance and impedance will vary depending on circuit operating conditions and the type of dielectric used - typical performance graphs
relating to these materials are shown below.
100
10
1.0
0.1
100
10
1.0
0.1
1000
FREQUENCY MHz
1.0nF
IMPEDANCE
ESR
100
10
1.0
0.1
100
10
1.0
0.1
FREQUENCY MHz
CAPACIT ANCE
TAN
0.01
100
10
1.0
0.1
100
10
1.0
0.1
1000
FREQUENCY MHz
IMPEDANCE
ESR
1.0nF
0.1
1.0
10
100
F (MHz)
Z
( )
100
10
1.0
0.1
0.01
4.7 nF
10 nF
22 nF
47 nF
100 nF
220 nF
470 nF
1 F
1.5 F
100
10
1.0
0.1
100
10
1.0
0.1
1000
FREQUENCY MHz
1.0nF
ESR
IMPEDANCE
100
10
1.0
10
1.0
0.1
FREQUENCY MHz
CAPACIT ANCE
TAN
0.01
1000
0.001
Z (Ω)


Similar Part No. - DSU1206X101JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU1206R104KN DUBILIER-DSU1206R104KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU1206R104ZN DUBILIER-DSU1206R104ZN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU1206R105KN DUBILIER-DSU1206R105KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU1206R105ZN DUBILIER-DSU1206R105ZN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU1206R106KN DUBILIER-DSU1206R106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
More results

Similar Description - DSU1206X101JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com