Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4366CX8 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4366CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4366CX8 Datasheet HTML 5Page - NXP Semiconductors IP4366CX8 Datasheet HTML 6Page - NXP Semiconductors IP4366CX8 Datasheet HTML 7Page - NXP Semiconductors IP4366CX8 Datasheet HTML 8Page - NXP Semiconductors IP4366CX8 Datasheet HTML 9Page - NXP Semiconductors IP4366CX8 Datasheet HTML 10Page - NXP Semiconductors IP4366CX8 Datasheet HTML 11Page - NXP Semiconductors IP4366CX8 Datasheet HTML 12Page - NXP Semiconductors IP4366CX8 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
9 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
9.
Soldering of WLCSP packages
9.1 Introduction to soldering WLCSP packages
This text provides a very brief insight into a complex technology. A more in-depth account
of soldering WLCSP (Wafer Level Chip-Size Packages) can be found in application note
AN10439 “Wafer Level Chip Scale Package” and in application note AN10365 “Surface
mount reflow soldering description”.
Wave soldering is not suitable for this package.
All NXP WLCSP packages are lead-free.
9.2 Board mounting
Board mounting of a WLCSP requires several steps:
1. Solder paste printing on the PCB
2. Component placement with a pick and place machine
3. The reflow soldering itself
9.3 Reflow soldering
Key characteristics in reflow soldering are:
Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 9) than a PbSn process, thus
reducing the process window
Solder paste printing issues, such as smearing, release, and adjusting the process
window for a mix of large and small components on one board
Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature), and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic) while being low enough that the packages and/or boards are not
damaged. The peak temperature of the package depends on package thickness and
volume and is classified in accordance with Table 6.
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 9.
Table 6.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245


Similar Part No. - IP4366CX8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4364CX8 NXP-IP4364CX8 Datasheet
84Kb / 13P
   Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
IP4365CX11 NXP-IP4365CX11 Datasheet
244Kb / 12P
   Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
Rev. 01-26 March 2010
IP4365CX11/P NXP-IP4365CX11/P Datasheet
244Kb / 12P
   Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
Rev. 01-26 March 2010
logo
Nexperia B.V. All right...
IP4369CX4 NEXPERIA-IP4369CX4 Datasheet
1Mb / 15P
   ESD protection for high-speed interfaces
logo
NXP Semiconductors
IP4369CX4 PHILIPS-IP4369CX4_15 Datasheet
1Mb / 14P
   ESD protection for high-speed interfaces
Rev. 1-1 October 2012
More results

Similar Description - IP4366CX8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4365CX11 NXP-IP4365CX11 Datasheet
244Kb / 12P
   Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
Rev. 01-26 March 2010
IP4064CX8LF NXP-IP4064CX8LF Datasheet
84Kb / 13P
   Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
   Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com