Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP31GP72CMP4-Y5 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-Y5
Description  240pin Registered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-Y5 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMP31GP72CMP4-Y5 Datasheet HTML 1Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 2Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 3Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 4Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 5Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 6Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 7Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 8Page - Hynix Semiconductor HYMP31GP72CMP4-Y5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Rev. 0.7 / Jun. 2009
3
1
240pin Registered DDR2 SDRAM DIMMs
Input/Output Functional Description
Symbol
Type
Polarity
Pin Description
CK0
IN
Positive
Edge
Positive line of the differential pair of system clock inputs that drives input to the on-DIMM PLL.
CK0IN
Negative
Edge
Negative line of the differential pair of system clock inputs that drives input to the on-DIMM PLL.
CKE[1:0]
IN
Active High
Activates the DDR2 SDRAM CK signal when high and deactivates the CK signal when low. By deactivat-
ing the clocks, CKE low initiates the Power Down mode or the Self Refresh mode.
S[1:0]
IN
Active Low
Enables the associated DDR2 SDRAM command decoder when low and disables the command
decoder when high. When the command decoder is disabled, new commands are ignored but previous
operations continue. Rank 0 is selected by S0; Rank 1 is selected by S1
ODT[1:0]
IN
Active High
On-Die Termination signals.
RAS, CAS, WE
IN
Active Low
When sampled at the positive rising edge of the clock. RAS,CAS and WE(ALONG WITH S) define the
command being entered.
Vref
Supply
Reference voltage for SSTL18 inputs
VDDQ
Supply
Power supplies for the DDR2 SDRAM output buffers to provide improved noise immunity. For all current
DDR2 unbuffered DIMM designs, VDDQ shares the same power plane as VDD pins.
BA[2:0]
IN
-
Selects which DDR2 SDRAM internal bank of Eight is activated.
A[9:0],A10/AP
A[13:11]
IN
-
During a Bank Activate command cycle, Address input difines the row address(RA0~RA13)
During a Read or Write command cycle, Address input defines the column address when sampled at the
cross point of the rising edge of CK and falling edge of CK. In addition to the column address, AP is used
to invoke autoprecharge operation at the end of the burst read or write cycle. If AP is high., autopre-
charge is selected and BA0-BAn defines the bank to be precharged. If AP is low, autoprecharge is dis-
abled. During a Precharge command cycle., AP is used in conjunction with BA0-BAn to control which
bank(s) to precharge. If AP is high, all banks will be precharged regardless of the state of BA0-BAn
inputs. If AP is low, then BA0-BAn are used to define which bank to precharge.
DQ[63:0],
CB[7:0]
IN
-
Data and Check Bit Input/Output pins.
DM[8:0]
IN
Active High
DM is an input mask signal for write data. Input data is masked when DM is sampled High coincident with
that input data during a write access. DM is sampled on both edges of DQS. Although DM pins are input
only, the DM loading matches the DQ and DQS loading.
VDD,VSS
Supply
Power and ground for the DDR2 SDRAM input buffers, and core logic. VDD and VDDQ pins are tied to
VDD/VDDQ planes on these modules.
DQS[17:0]
I/O
Positive
Edge
Positive line of the differential data strobe for input and output data
DQS[17:0]
I/O
Negative
Edge
Negative line of the differential data strobe for input and output data
SA[2:0]
IN
-
These signals are tied at the system planar to either VSS or VDDSPD to configure the serial SPD
EEPROM address range.
SDA
I/O
-
This is a bidirectional pin used to transfer data into or out of the SPD EEPROM. A resister may be con-
nected from the SDA bus line to VDDSPD on the system planar to act as a pull up.
SCL
IN
-
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be connected from
SCL to VDDSPD to act as a pull up on the system board.
VDDSPD
Supply
Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ power plane. EEPROM
supply is operable from 1.7V to 3.6V.
RESET
IN
The RESET pin is connected to the RST pin on the register and to the OE pin on the PLL. When low, all
register outputs will be driven low and the PLL clocks to the DRAMs and register(s) will be set to low
level (the PLL will remain synchronized with the input clock)
Par_In
IN
Parity bit for the Address and Control bus(“1”. Odd, “0”.Even)
Err_Out
OUT
Parity error found in the Address and Control bus
TEST
Used by memory bus analysis tools (unused on memory DIMMs)


Similar Part No. - HYMP31GP72CMP4-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP31GF72CMP4D5-S5 HYNIX-HYMP31GF72CMP4D5-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP31GF72CMP4D5-S6 HYNIX-HYMP31GF72CMP4D5-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP31GF72CMP4D5-Y5 HYNIX-HYMP31GF72CMP4D5-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP31GP72CMP4-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com