Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP125S6EFR8C-S5 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HMP125S6EFR8C-S5
Description  200pin Unbuffered DDR2 SDRAM SO-DIMMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP125S6EFR8C-S5 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HMP125S6EFR8C-S5 Datasheet HTML 6Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 7Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 8Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 9Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 10Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 11Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 12Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 13Page - Hynix Semiconductor HMP125S6EFR8C-S5 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev. 0.3 / Dec. 2009
10
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
Differential Input AC logic Level
1. VIN(DC) specifies the allowable DC execution of each input of differential pair such as CK, CK DQS, DQS, LDQS,
LDQS, UDQS and UDQS.
2. VID(DC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input
(such as CK, DQS, LDQS or UDQS) level and VCP is the complementary input (such as CK, DQS, LDQS or UDQS) level.
The minimum value is equal to VIH(DC) - VIL(DC).
Notes:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal
(such as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as CK, DQS, LDQS or UDQS).
The minimum value is equal to V IH(AC) - VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 * VDDQ of the transmitting device and VIX(AC) is expected to
track variations in VDDQ. VIX(AC) indicates the voltage at which differential input signals must cross.
DIFFERENTIAL AC OUTPUT PARAMETERS
Notes:
1. The typical value of VOX(AC) is expected to be about 0.5 * VDDQ of the transmitting device and VOX(AC) is expected to
track variations in VDDQ. VOX(AC) indicates the voltage at which differential output signals must cross.
Symbol
Parameter
Min.
Max.
Units
Note
VID (ac)
ac differential input voltage
0.5
VDDQ + 0.6
V
1
VIX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.175
0.5 * VDDQ + 0.175
V
2
Symbol
Parameter
Min.
Max.
Units
Note
VOX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.125
0.5 * VDDQ + 0.125
V
1
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
< Differential signal levels >


Similar Part No. - HMP125S6EFR8C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP125F7EFR8C-S5 HYNIX-HMP125F7EFR8C-S5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP125F7EFR8C-S6D3 HYNIX-HMP125F7EFR8C-S6D3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP125F7EFR8C-S6D5 HYNIX-HMP125F7EFR8C-S6D5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP125F7EFR8C-Y5 HYNIX-HMP125F7EFR8C-Y5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP125F7EFR8C-Y5N3 HYNIX-HMP125F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMP125S6EFR8C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD216M646DL6-D43 HYNIX-HYMD216M646DL6-D43 Datasheet
738Kb / 23P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
logo
List of Unclassifed Man...
NT256D64SH8B0GM ETC1-NT256D64SH8B0GM Datasheet
801Kb / 15P
   200pin Unbuffered DDR SO-DIMM
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com