Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP112S6EFR6C-S5 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HMP112S6EFR6C-S5
Description  200pin Unbuffered DDR2 SDRAM SO-DIMMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP112S6EFR6C-S5 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HMP112S6EFR6C-S5 Datasheet HTML 4Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 5Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 6Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 7Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 8Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 9Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 10Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 11Page - Hynix Semiconductor HMP112S6EFR6C-S5 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Rev. 0.3 / Dec. 2009
8
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
ABSOLUTE MAXIMUM RATINGS
Operating Conditions and Environmental Parameters
Notes:
1. Stress greater than those listed may cause permanent damage to the device. This is a stress rating only, and device
functional operation at or above the conditions indicated is not implied. Exposure to absolute maximum rating con
ditions for extended periods may affect reliability.
2. Up to 9850 ft.
3. If the DRAM case temperature is Above 85oC, the Auto-Refresh command interval has to be reduced to
tREFI=3.9us. For Measurement conditions of TCASE, please refer to the JEDEC document JESD51-2.
DC OPERATING CONDITIONS (SSTL_1.8)
Note:
1. Min. Typ. and Max. values increase by 100mV for C3(DDR2-533 3-3-3) speed option.
2. VDDQ tracks with VDD,VDDL tracks with VDD. AC parameters are measured with VDD,VDDQ and VDD.
3. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the
value of VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track varia-
tions in VDDQ.
4. Peak to peak ac noise on VREF may not exceed +/-2% VREF (dc).
5. VTT of transmitting device must track VREF of receiving device.
Parameter
Symbol
Value
Unit
Note
Voltage on VDD pin relative to Vss
VDD
- 1.0 V ~ 2.3 V
V
1
Voltage on VDDQ pin relative to Vss
VDDQ
- 0.5 V ~ 2.3 V
V
1
Voltage on VDDL pin relative to Vss
VDDL
-0.5V ~ 2.3 V
V
1
Voltage on any pin relative to Vss
VIN, VOUT
- 0.5 V ~ 2.3 V
V
1
Parameter
Symbol
Rating
Units
Notes
DIMM Operating temperature (ambient)
TOPR
0 ~ +65
oC
Storage Temperature
TSTG
-50 ~ +100
oC
1
Storage Humidity (without condensation)
HSTG
5 to 95
%
1
DIMM Barometric Pressure (operating & storage)
PBAR
105 to 69
K Pascal
2
DRAM Component Case Temperature Range
TCASE
0 ~+95
oC
3
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
1
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
1,2
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
1,2
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
3,4
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
5
VDDSPD
EEPROM Supply Voltage
1.8
-
3.3
V


Similar Part No. - HMP112S6EFR6C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112F7EFR8C-S5 HYNIX-HMP112F7EFR8C-S5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D3 HYNIX-HMP112F7EFR8C-S6D3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D5 HYNIX-HMP112F7EFR8C-S6D5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5 HYNIX-HMP112F7EFR8C-Y5 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMP112S6EFR6C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD216M646DL6-D43 HYNIX-HYMD216M646DL6-D43 Datasheet
738Kb / 23P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
logo
List of Unclassifed Man...
NT256D64SH8B0GM ETC1-NT256D64SH8B0GM Datasheet
801Kb / 15P
   200pin Unbuffered DDR SO-DIMM
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com