Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP125U72CP8-S5 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMP125U72CP8-S5
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP125U72CP8-S5 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMP125U72CP8-S5 Datasheet HTML 1Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 2Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 3Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 4Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 5Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 6Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Rev. 0.6 / Jul. 2008
3
1240pin DDR2 SDRAM Unbuffered DIMMs
Input/Output Functional Description
Symbol
Type
Polarity
Pin Description
CK[2:0], CK[2:0]
SSTL
Differential
Crossing
CK andk /CK are dirrerential clock inputs. All the DDR2 SDRAM addr/cntl inputs are
sampled on the crossing of positive edge of CK and negative edge of /CK. Output(read)
data is reference to the crossing of CK and /CK (Both directions of crossing)
CKE[1:0]
SSTL
Active High
Activates the DDR2 SDRAM CK signal when high and deactivates the CK signal when
low. By deactivating the clocks, CKE low initiates the Power Down mode or the Self
Refresh mode.
S[1:0]
SSTL
Active Low
Enables the associated DDR2 SDRAM command decoder when low and disables the
command decoder when high. When the command decoder is disabled, new commands
are ignored but previous operations continue. Rank 0 is selected by S0; Rank 1 is
selected by S1
RAS, CAS,
WE
SSTL
Active Low
/RAS,/CAS and /WE(ALONG WITH S) define the command being entered.
ODT[1:0]
SSTL
Active High
Asserts on-die termination for DQ, DM, DQS and DQS signals if enabled via the DDR2
SDRAM mode register.
Vref
Supply
Reference voltage for SSTL18 inputs
VDDQ
Supply
Power supplies for the DDR2 SDRAM output buffers to provide improved noise immu-
nity. For all current DDR2 unbuffered DIMM designs, VDDQ shares the same power plane
as VDD pins.
BA[2:0]
SSTL
-
Selects which DDR2 SDRAM internal bank of four or eight is activated.
A[9:0], A10/AP,
A[13:11]
SSTL
-
During a Bank Activate command cycle, Address input difines the row
address(RA0~RA15)
During a Read or Write command cycle, Address input defines the column address when
sampled at the cross point of the rising edge of CK and falling edge of CK. In addition to
the column address, AP is used to invoke autoprecharge operation at the end of the
burst read or write cycle. If AP is high., autoprecharge is selected and BA0-BAn defines
the bank to be precharged. If AP is low, autoprecharge is disabled. During a Precharge
command cycle., AP is used in conjunction with BA0-BAn to control which bank(s) to
precharge. If AP is high, all banks will be precharged regardless of the state of BA0-BAn
inputs. If AP is low, then BA0-BAn are used to define which bank to precharge.
DQ[63:0],
CB[7:0]
SSTL
-
Data and Check Bit Input/Output pins.
DM[8:0]
SSTL
Active High
DM is an input mask signal for write data. Input data is masked when DM is sampled
High coincident with that input data during a write access. DM is sampled on both edges
of DQS. Although DM pins are input only, the DM loading matches the DQ and DQS
loading.
VDD,VSS
Supply
Power and ground for the DDR2 SDRAM input buffers, and core logic. VDD and VDDQ
pins are tied to VDD/VDDQ planes on these modules.
DQS[8:0],
DQS[8:0]
SSTL
Differential
crossing
Data strobe for input and output data. For Rawcards using x16 organized DRAMs,
DQ0~7 connect to the LDQS pin of the DRAMs and DQ8~15 connect to the UDQS pin of
the DRAM
SA[2:0]
-
These signals are tied at the system planar to either VSS or VDD to configure the serial
SPD EEPROM.
SDA
-
This is a bidirectional pin used to transfer data into or out of the SPD EEPROM. A
resister must be connected to VDD to act as a pull up.
SCL
-
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be
connected from SCL to VDD to act as a pull up on the system board.
VDDSPD
Supply
Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ power
plane. EEPROM supply is operable from 1.7V to 3.6V.


Similar Part No. - HYMP125U72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP125F72CP8D3-C4 HYNIX-HYMP125F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S5 HYNIX-HYMP125F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S6 HYNIX-HYMP125F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-Y5 HYNIX-HYMP125F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D5-C4 HYNIX-HYMP125F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP125U72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com