Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP125U72CP8-S5 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMP125U72CP8-S5
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP125U72CP8-S5 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMP125U72CP8-S5 Datasheet HTML 1Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 2Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 3Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 4Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 5Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 6Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP125U72CP8-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Rev. 0.6 / Jul. 2008
2
1240pin DDR2 SDRAM Unbuffered DIMMs
SPEED GRADE & KEY PARAMETERS
ADDRESS TABLE
C4
(DDR2-533)
Y5
(DDR2-667)
S6
(DDR2-800)
S5
(DDR2-800)
Unit
Speed@CL3
400
400
-
400
Mbps
Speed@CL4
533
533
533
533
Mbps
Speed@CL5
-
667
667
800
Mbps
Speed@CL6
-
-
800
-
Mbps
CL-tRCD-tRP
4-4-4
5-5-5
6-6-6
5-5-5
tCK
Density
Organization
Ranks
SDRAMs
# of
DRAMs
# of row/bank/column Address
Refresh
Method
512MB
64M x 64
1
64Mb x 16
4
13(A0~A12)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
1GB
128M x 64
1
128Mb x 8
8
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
1GB
128M x 72
1
128Mb x 8
9
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
2GB
256M x 64
2
128Mb x 8
16
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
2GB
256M x 72
2
128Mb x 8
18
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms


Similar Part No. - HYMP125U72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP125F72CP8D3-C4 HYNIX-HYMP125F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S5 HYNIX-HYMP125F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S6 HYNIX-HYMP125F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-Y5 HYNIX-HYMP125F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D5-C4 HYNIX-HYMP125F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP125U72CP8-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com