Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP151F72CP4N3-C4 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP151F72CP4N3-C4
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP151F72CP4N3-C4 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP151F72CP4N3-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP151F72CP4N3-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Rev 1.01 / Sep. 2008
4
1
240pin Fully Buffered DDR2 SDRAM DIMMs
PIN ASSIGNMENT
NC= No Connect, RFU= Reserved for Future Use.
Note:
*: These pin positions are reserved for forwarded clocks to be used in future module implementations
**: These pin positions are reserved for future architecture flexibility
1) The following signals are CRC bits and thus appear out of the normal sequence:
PN12/ PN12, SN12 / SN12, PN13 / PN13, SN13 / SN13,PS9 / PS9, SS9 / SS9
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VDD
41
PN13
81
VSS
121
VDD
161
SN13
201
VSS
2
VDD
42
VSS
82
PS4
122
VDD
162
VSS
202
SS4
3
VDD
43
VSS
83
PS4
123
VDD
163
VSS
203
SS4
4
VSS
44
RFU*
84
VSS
124
VSS
164
RFU*
204
VSS
5
VDD
45
RFU*
85
VSS
125
VDD
165
RFU*
205
VSS
6
VDD
46
VSS
86
RFU*
126
VDD
166
VSS
206
RFU*
7
VDD
47
VSS
87
RFU*
127
VDD
167
VSS
207
RFU*
8
VSS
48
PN12
88
VSS
128
VSS
168
SN12
208
VSS
9
VCC
49
PN12
89
VSS
129
VCC
169
SN12
209
VSS
10
VCC
50
VSS
90
PS9
130
VCC
170
VSS
210
SS9
11
VSS
51
PN6
91
PS9
131
VSS
171
SN6
211
SS9
12
VTT
52
PN6
92
VSS
132
VCC
172
SN6
212
VSS
13
VCC
53
VSS
93
PS5
133
VCC
173
VSS
213
SS5
14
VSS
54
PN7
94
PS5
134
VSS
174
SN7
214
SS5
15
VTT
55
PN7
95
VSS
135
VTT
175
SN7
215
VSS
16
VID1
56
VSS
96
PS6
136
VID0
176
VSS
216
SS6
17
RESET
57
PN8
97
PS6
137
DNU/M_Test
177
SN8
217
SS6
18
VSS
58
PN8
98
VSS
138
VSS
178
SN8
218
VSS
19
RFU**
59
VSS
99
PS7
139
RFU**
179
VSS
219
SS7
20
RFU**
60
PN9
100
PS7
140
RFU**
180
SN9
220
SS7
21
VSS
61
PN9
101
VSS
141
VSS
181
SN9
221
VSS
22
PN0
62
VSS
102
PS8
142
SN0
182
VSS
222
SS8
23
PN0
63
PN10
103
PS8
143
SN0
183
SN10
223
SS8
24
VSS
64
PN10
104
VSS
144
VSS
184
SN10
224
VSS
25
PN1
65
VSS
105
RFU**
145
SN1
185
VSS
225
RFU*
26
PN1
66
PN11
106
RFU**
146
SN1
186
SN11
226
RFU*
27
VSS
67
PN11
107
VSS
147
VSS
187
SN11
227
VSS
28
PN2
68
VSS
108
VDD
148
SN2
188
VSS
228
SCK
29
PN2
Key
109
VDD
149
SN2
Key
229
SCK
30
VSS
69
VSS
110
VSS
150
VSS
189
VSS
230
VSS
31
PN3
70
PS0
111
VDD
151
SN3
190
SS0
231
VDD
32
PN3
71
PS0
112
VDD
152
SN3
191
SS0
232
VDD
33
VSS
72
VSS
113
VDD
153
VSS
192
VSS
233
VDD
34
PN4
73
PS1
114
VSS
154
SN4
193
SS1
234
VSS
35
PN4
74
PS1
115
VDD
155
SN4
194
SS1
235
VDD
36
VSS
75
VSS
116
VDD
156
VSS
195
VSS
236
VDD
37
PN5
76
PS2
117
VTT
157
SN5
196
SS2
237
VTT
38
PN5
77
PS2
118
SA2
158
SN5
197
SS2
238
VDDSPD
39
VSS
78
VSS
119
SDA
159
VSS
198
VSS
239
SA0
40
PN13
79
PS3
120
SCL
160
SN13
199
SS3
240
SA1
80
PS3
200
SS3


Similar Part No. - HYMP151F72CP4N3-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP151L72CP4D5-C4 HYNIX-HYMP151L72CP4D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP151L72CP4D5-Y5 HYNIX-HYMP151L72CP4D5-Y5 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP151P72CP4-C4 HYNIX-HYMP151P72CP4-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP151P72CP4-S5 HYNIX-HYMP151P72CP4-S5 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP151P72CP4-S6 HYNIX-HYMP151P72CP4-S6 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP151F72CP4N3-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com