Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSHVM2923C101JN Datasheet(PDF) 3 Page - Dubilier

Part # DSHVM2923C101JN
Description  SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSHVM2923C101JN Datasheet(HTML) 3 Page - Dubilier

  DSHVM2923C101JN Datasheet HTML 1Page - Dubilier DSHVM2923C101JN Datasheet HTML 2Page - Dubilier DSHVM2923C101JN Datasheet HTML 3Page - Dubilier DSHVM2923C101JN Datasheet HTML 4Page - Dubilier DSHVM2923C101JN Datasheet HTML 5Page - Dubilier DSHVM2923C101JN Datasheet HTML 6Page - Dubilier DSHVM2923C101JN Datasheet HTML 7Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

SURFACE MOUNT
CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
Size Code
L (mm)
W (mm)
T max (mm)
P
min (mm)
max (mm)
1206
3.2±0.3
1.6±0.2
1.6
0.25
0.75
1210
3.2±0.3
2.5±0.3
2
0.25
0.75
1812
4.5±0.35
3.2±0.3
2.5
0.25
0.75
2220
5.7±0.4
5.0±0.4
2.5
0.25
0.75
L
P
P
C
T
W
Capacitance 10
110
11
COG X7R
COG
COG
1.0pF
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
DIMENSIONS (mm)
RANGE - 500V
OUTLINE DRAWING
Capacitance
10
110
11
0
COG X7R Z5U COG X7R Z5U COG X7R Z5U COG X7R Z5U
390pF
470
560
680
820
1.0nF
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10nF
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390


Similar Part No. - DSHVM2923C101JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
More results

Similar Description - DSHVM2923C101JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSHV DUBILIER-DSHV Datasheet
356Kb / 6P
   CERAMIC SMD MULTI - LAYER HIGH VOLTAGE
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com