Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112U72CP8-S6 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMP112U72CP8-S6
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112U72CP8-S6 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMP112U72CP8-S6 Datasheet HTML 3Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 4Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 5Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 6Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 7Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 8Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 9Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 10Page - Hynix Semiconductor HYMP112U72CP8-S6 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Rev. 0.6 / Jul. 2008
7
1240pin DDR2 SDRAM Unbuffered DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(128Mbx64) : HYMP112U64CP(R)8
/S0
/DQS0
DM0
DQS0
D0
/CS
DQS /DQS
DM
DQ0
I/O 0
DQ1
I/O 1
DQ2
I/O 2
DQ3
I/O 3
DQ4
I/O 4
DQ5
I/O 5
DQ6
I/O 6
I/O 7
DQ7
/DQS1
DM1
DQS1
D1
/CS
DQS /DQS
DM
DQ8
I/O 0
DQ9
I/O 1
DQ10
I/O 2
DQ11
I/O 3
DQ12
I/O 4
DQ13
I/O 5
DQ14
I/O 6
I/O 7
DQ15
/DQS2
DM2
DQS2
D2
/CS
DQS /DQS
DM
DQ16
I/O 0
DQ17
I/O 1
DQ18
I/O 2
DQ19
I/O 3
DQ20
I/O 4
DQ21
I/O 5
DQ22
I/O 6
I/O 7
DQ23
/DQS3
DM3
DQS3
D3
/CS
DQS /DQS
DM
DQ24
I/O 0
DQ25
I/O 1
DQ26
I/O 2
DQ27
I/O 3
DQ28
I/O 4
DQ29
I/O 5
DQ30
I/O 6
I/O 7
DQ31
/DQS4
DM4
DQS4
D4
/CS
DQS /DQS
DM
DQ32
I/O 0
DQ33
I/O 1
DQ34
I/O 2
DQ35
I/O 3
DQ36
I/O 4
DQ37
I/O 5
DQ38
I/O 6
I/O 7
DQ39
/DQS5
DM5
DQS5
D5
/CS
DQS /DQS
DM
DQ40
I/O 0
DQ41
I/O 1
DQ42
I/O 2
DQ43
I/O 3
DQ44
I/O 4
DQ45
I/O 5
DQ46
I/O 6
I/O 7
DQ47
/DQS6
DM6
DQS6
D6
/CS
DQS /DQS
DM
DQ48
I/O 0
DQ49
I/O 1
DQ50
I/O 2
DQ51
I/O 3
DQ52
I/O 4
DQ53
I/O 5
DQ54
I/O 6
I/O 7
DQ55
/DQS7
DM7
DQS7
D7
/CS
DQS /DQS
DM
DQ56
I/O 0
DQ57
I/O 1
DQ58
I/O 2
DQ59
I/O 3
DQ60
I/O 4
DQ61
I/O 5
DQ62
I/O 6
I/O 7
DQ63
V
DD SPD
V
REF
V
DD/VDDQ
V
SS
Serial
PD
DO-D7
DO-D7
DO-D7
BA0-BA2
A0-A13
/RAS
/CAS
SDRAMS D0-7
CKE0
/WE
ODT0
SDRAMS D0-7
SDRAMS D0-7
SDRAMS D0-7
SDRAMS D0-7
SDRAMS D0-7
SDRAMS D0-7
SCL
SDA
A0
A1
WP
Serial PD
SCL
SA0
SA1
SA2
A1
Notes:
1. DQ,DM,DQS,/DQS resistors : 22 Ω +/- 5 %.
2. Bax,Ax,/RAS,/CAS,/WE resistors : 5.1 Ω +/- 5 %.
Clock Signal Loads
CK0, /CK0
CK1, /CK1
2
3
CK2, /CK2
3
Clock Input
SDRAMs


Similar Part No. - HYMP112U72CP8-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8D3-C4 HYNIX-HYMP112F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S5 HYNIX-HYMP112F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S6 HYNIX-HYMP112F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-Y5 HYNIX-HYMP112F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D5-C4 HYNIX-HYMP112F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP112U72CP8-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com