Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112S64CR6-S6 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMP112S64CR6-S6
Description  1200pin Unbuffered DDR2 SDRAM SO-DIMMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112S64CR6-S6 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMP112S64CR6-S6 Datasheet HTML 1Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 2Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 3Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 4Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 5Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 6Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 7Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 8Page - Hynix Semiconductor HYMP112S64CR6-S6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev. 1.0 / Dec. 2009
5
1200pin Unbuffered DDR2 SDRAM SO-DIMMs
FUNCTIONAL BLOCK DIAGRAM
512MB(64Mbx64) : HYMP164S64CP(R)6
DQ0
CKE0
DQS0
/DQS0
DM0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQS2
/DQS2
DM2
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
CKE
I/O 0
/CS
ODT
I/O 7
D0
LDQS
/UDQS
LDM
UDQS
/UDQS
UDM
I/O 13
I/O 14
I/O 12
I/O 11
I/O 10
I/O 9
I/O 8
I/O 15
DQ16
DQS2
/DQS2
DM2
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
BA0-BA2
DQS3
/DQS3
DM3
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
CKE
I/O 0
/CS
ODT
I/O 7
D1
LDQS
/UDQS
LDM
UDQS
/UDQS
UDM
I/O 13
I/O 14
I/O 12
I/O 11
I/O 10
I/O 9
I/O 8
I/O 15
DQ32
DQS4
/DQS4
DM4
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQS5
/DQS5
DM5
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
CKE
I/O 0
/CS
ODT
I/O 7
D2
LDQS
/UDQS
LDM
UDQS
/UDQS
UDM
I/O 13
I/O 14
I/O 12
I/O 11
I/O 10
I/O 9
I/O 8
I/O 15
DQ48
DQS6
/DQS6
DM6
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQS7
/DQS7
DM7
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
CKE
I/O 0
/CS
ODT
I/O 7
D3
LDQS
/UDQS
LDM
UDQS
/UDQS
UDM
I/O 13
I/O 14
I/O 12
I/O 11
I/O 10
I/O 9
I/O 8
I/O 15
ODT0
/S0
3Ω +/-5%
/S1
ODT1
CKE1
N.C.
N.C.
N.C.
A0-AN
/RAS
/CAS
/WE
SDRAMS D0-3
SDRAMS D0-3
SDRAMS D0-3
SDRAMS D0-3
SDRAMS D0-3
CK0
/CK0
2 loads
CK1
/CK1
2 loads
SDA
SCL
WP
A0
A1
A2
Serial PD
SCL
SDA
SA0
SA1
VREF
VDD
VDDSPD
Serial PD
VSS
SDRAMS D0-D3, SPD
SDRAMS D0-D3, VDD and VDDQ
SDRAMS D0-D3
Note:
1.Resistor values are 22 ohm +/-5%.
3Ω +/-5%


Similar Part No. - HYMP112S64CR6-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112S64LMP8-C4 HYNIX-HYMP112S64LMP8-C4 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
HYMP112S64LMP8-C5 HYNIX-HYMP112S64LMP8-C5 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
HYMP112S64LMP8-E3 HYNIX-HYMP112S64LMP8-E3 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
HYMP112S64LMP8-E4 HYNIX-HYMP112S64LMP8-E4 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
HYMP112S64M8-C4 HYNIX-HYMP112S64M8-C4 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP112S64CR6-S6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
Hynix Semiconductor
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com