Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112P72CP8L-C4 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HYMP112P72CP8L-C4
Description  240pin DDR2 VLP Registered DIMMs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112P72CP8L-C4 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HYMP112P72CP8L-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP112P72CP8L-C4 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Rev. 0.2 / May. 2008
1
240pin DDR2 VLP Registered DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(128Mbx72) : HYMP112P72CP8L
DQ1
DQ2
DQS0
DQS0
DM0,DQS9
DQS9
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ0
DQ33
DQ34
DQS4
DQS4
DM4,DQS13
DQS13
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ32
RS0
DQ9
DQ10
DQS1
DQS1
DM1,DQS10
DQS10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ8
DQ41
DQ42
DQS5
DQS5
DM5,DQS14
DQS14
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ40
D0
D4
D1
D5
DQ17
DQ18
DQS2
DQS2
DM2,DQS11
DQS11
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ16
DQ49
DQ50
DQS6
DQS6
DM6,DQS15
DQS15
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ48
D2
D6
DQ25
DQ26
DQS3
DQS3
DM3,DQS12
DQS12
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ24
DQ57
DQ58
DQS7
/DQS7
DM7,DQS16
DQS16
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
DQ56
D3
D7
CB1
CB2
DQS8
DQS8
DM8,DQS17
DQS17
CB3
CB4
CB5
CB6
CB7
I/O 5
I/O 6
I/O 4
I/O 3
I/O 2
I/O 1
/DQS
RDQS RDQS
I/O 0
DM/ NU/ /CS DQS
I/O 7
CB0
D8
S0*
BA0- BA2**
A0- A15**
RAS
CAS
WE
CKE0
ODT0
/RS0 to /CS-> /CS: SRAMSs D0-D8
RBA0 to RBA2->BA0-BA2: SDRAMs D0-D8***
/RA0-RA15->A0-A15: SDRAMs D0- D8***
/RRAS-> /RAS: SDRAMs D0-D8
/RCAS ->/CAS: SDRAMs D0-D8
/RWE ->/WE : SDRAMs D0-D8
RCKE0-> CKE0: SDRAMs D0-D8
RODT0-> ODT0: SDRAMs D0-D8
/RESET
RST
R
E
G
I
S
T
E
R
PCK7
/PCK7
CK0
CK0
RESET
P
L
L
OE
PCK0-PCK6, PCK8, PKC9 → CK: SDRAMs D0-D8
PCK0-PCK6, PCK8, PCK9 → CK: SDRAMs D0-D8
PCK7 → CK: Register
PCK7 → CK: Resgister
SDA
SCL
WP A0 A1 A2
SA0SA1 SA2
Serial PD
Register
PAR_IN
PAR_IN
C1
C0
PRO
QERR
Vss
Vss
Err_Out
100K ohms
Signals for Address and Command Parity Function (Raw Card F, F and AC)
Note:
1.DQ-to-I/O wiring may be changed within a byte.
2.Unless otherwise noted, resistor values are 22 Ohms +/-5%.
The resistors on Par_In, A13, A14, A15, BA2 and the
signal line of Err_Out refer to the section:
“Register Options for unused Address inputs”
* S0 connects to DCS and VDD connects to CSR on the register. S1, CKE1 and ODT1 are NC
** A13-15, BA2 have the optional pull down resistors(100K ohms), which is not indicated here.
*** For Rqw Card R and A Co, post register A14, A15 and BA2 are not connected to the SDRAMs.
And for Raw Card AC1, post register A14 and A15 are not connected to the SDRAMs.
1:1
VDD/VDDQ
VREF
VDD SPD
Serial PD
VSS
D0–D8
D0–D8
D0-D8


Similar Part No. - HYMP112P72CP8L-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-S5 HYNIX-HYMP112P72CP8-S5 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-S6 HYNIX-HYMP112P72CP8-S6 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-Y5 HYNIX-HYMP112P72CP8-Y5 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP112P72CP8L-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
logo
Micron Technology
MT18HVF12872Y MICRON-MT18HVF12872Y Datasheet
291Kb / 15P
   DDR2 VLP Registered DIMM (RDIMM)
logo
Hynix Semiconductor
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com