Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD232726DP8J-J Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMD232726DP8J-J
Description  1184pin Unbuffered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232726DP8J-J Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMD232726DP8J-J Datasheet HTML 3Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 4Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 5Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 6Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 7Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 8Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 9Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 10Page - Hynix Semiconductor HYMD232726DP8J-J Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Rev. 1.2 / May. 2005
7
1184pin Unbuffered DDR SDRAM DIMMs
512MB, 64M x 64 Unbuffered DIMM: HYMD264646D[P]8[J]
Note :
1. DQ-to-I/O wiring is shown as recommended but may be
changed.
2. DQ/DQS/DM/CKE/S relationships must be maintained as shown.
3. DQ,DQS,DM/DQS resistors : 22 Ohms ? 5%
4. VDDID strap connections (for memory device VDD,VDDQ) :
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ≠ VDDQ
5. BAx, Ax, /RAS, /CAS, /WE resistors : 3 Ohms ? 5%
DM
/S
DQS
D8
DM
/S
DQS
D9
DM
/S
DQS
DM
/S
DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM
/S
DQS
D0
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM
/S
DQS
D1
DM
/S
DQS
D2
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM
/S
DQS
DQ32
DQ33
DQ35
DQ36
DQ37
DQ38
DQ39
DM
/S
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM
/S
DQS
D5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM
/S
DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM
/S
DQS
D7
DM0
DQS0
DM4
DQS4
DQ8
DQ9
DM1
DQS1
DM2
DQS2
DM3
DQS3
DM7
DQS7
DM6
DQS6
DM5
DQS5
/S0
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM
/S
DQS
D13
DM
/S
DQS
D15
DM
/S
DQS
D10
/S1
D11
D3
D14
D6
D4
D12
DM
/S
DQS
D12
DQ34
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
VDDSPD
VREF
VSS
SPD
DO-D15
DO-D15
Strap:see Note 4
VDD/VDDQ
VDDID
DO-D15
A0-A13
/RAS
/CAS
CKE0
CKE1
/WE
A0-A13-> : SDRAMs D0-D15
/RAS : SDRAMs D0-D15
/CAS : SDRAMs D0-D15
CKE : SDRAMs D8-D15
CKE : SDRAMs D0-D7
/WE : SDRAMs D0-D15
BA0-BA1
BA0-BA1-> : SDRAMs D0-D15
WP
A0
SCL
A1
A2
SDA
SA0 SA1SA2
Serial PD
* Clock Wiring
Clock Input
SDRAMs
*CK0,/CK0
4 SDRAMs
*CK1,/CK1
6 SDRAMs
*CK2,/CK2
6 SDRAMs
* Wire per Clock Loading
Table/Wiring Diagrams
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - HYMD232726DP8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232726A8-H HYNIX-HYMD232726A8-H Datasheet
263Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726A8-K HYNIX-HYMD232726A8-K Datasheet
263Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726A8-L HYNIX-HYMD232726A8-L Datasheet
263Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726A8-M HYNIX-HYMD232726A8-M Datasheet
263Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726A8J-D4 HYNIX-HYMD232726A8J-D4 Datasheet
263Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD232726DP8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD532646B6-H HYNIX-HYMD532646B6-H Datasheet
1Mb / 30P
   1184pin Unbufferd DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com