Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD212G726DS4-L Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD212G726DS4-L
Description  184pin Registered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726DS4-L Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD212G726DS4-L Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 9Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 10Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 11Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 12Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 13Page - Hynix Semiconductor HYMD212G726DS4-L Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Rev. 1.1 /May. 2005
10
184pin Registered DDR SDRAM DIMMs
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
512MB, 64Mb x 72 ECC Registered DIMM : HYMD264G726D[P]8[M]
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
Test Condition
Speed
Unit
Note
-K
-H
-L
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs changing twice
per clock cycle; address and control inputs changing
once per clock cycle
1640
1640
1550
mA
IDD1
One bank; Active - Read - Precharge; Burst Length=2;
tRC=tRC(min); tCK=tCK(min); address and control
inputs changing once per clock cycle
1820
1820
1685
mA
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
830
830
830
mA
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE= High;
address and control inputs changing once per clock
cycle. VIN=VREF for DQ, DQS and DM
1370
1370
1235
mA
IDD3P
One bank active ; Power down mode; CKE=Low,
tCK=tCK(min)
920
920
920
mA
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-Precharge;
tRC=tRAS(max); tCK=tCK(min); DQ, DM and DQS
inputs changing twice per clock cycle; Address and
other control inputs changing once per clock cycle
1370
1370
1280
mA
IDD4R
Burst=2; Reads; Continuous burst; One bank active;
Address and control inputs changing once per clock
cycle; tCK=tCK(min); IOUT=0mA
2360
2360
2135
mA
IDD4W
Burst=2; Writes; Continuous burst; One bank active;
Address and control inputs changing once per clock
cycle; tCK=tCK(min); DQ, DM and DQS inputs changing
twice per clock cycle
2360
2360
2135
mA
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK
for DDR266A & DDR266B at 133Mhz; distributed refresh
1970
1970
1835
mA
IDD6
CKE=<0.2V; External clock on; tCK
=tCK(min)
Normal
404
404
404
mA
Low Power
377
377
377
mA
IDD7
Four bank interleaving with BL=4 Refer to the following
page for detailed test condition
2810
2810
2585
mA


Similar Part No. - HYMD212G726DS4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726DF4-D43 HYNIX-HYMD212G726DF4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DF4-D43J HYNIX-HYMD212G726DF4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43 HYNIX-HYMD212G726DFP4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43J HYNIX-HYMD212G726DFP4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD212G726DS4-L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com