Part Name
         Description
HYMD232726D8-H

 1184pin Unbuffered DDR SDRAM DIMMs ( 30 Page)


HYNIX
100% 
Zoom Out Zoom In
 11 page
background image
Rev. 1.2 / May. 2005
11
1184pin Unbuffered DDR SDRAM DIMMs
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
256MB, 32Mb x 64 Unbuffered DIMM: HYMD232646D[P]8[J]
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
Test Condition
Speed
Unit
Note
DDR400
DDR333
DDR266A DDR266B
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs changing
twice per clock cycle; address and control inputs
changing once per clock cycle
720
640
560
560
mA
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min); address
and control inputs changing once per clock cycle
800
800
720
720
mA
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
80
80
80
80
mA
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing once
per clock cycle. VIN=VREF for DQ, DQS and DM
480
400
320
320
mA
IDD3P
One bank active; Power down mode; CKE=Low,
tCK=tCK(min)
120
120
120
120
mA
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-Pre-
charge; tRC=tRAS(max); tCK=tCK(min); DQ, DM
and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once
per clock cycle
400
360
320
320
mA
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); IOUT=0mA
1440
1280
1200
1200
mA
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); DQ, DM and DQS
inputs changing twice per clock cycle
1440
1280
1200
1200
mA
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz; dis-
tributed refresh
1200
1200
1120
1120
mA
IDD6
CKE=<0.2V; External clock on; tCK
=tCK(min)
Normal
24
24
24
24
mA
Low Power
12
12
12
12
mA
IDD7
Four bank interleaving with BL=4 Refer to the fol-
lowing page for detailed test condition
1840
1760
1600
1600
mA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl