Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264G726D4-H Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMD264G726D4-H
Description  184pin Registered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726D4-H Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMD264G726D4-H Datasheet HTML 1Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 2Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 3Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 4Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726D4-H Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 1.1 /May. 2005
4
184pin Registered DDR SDRAM DIMMs
256MB, 32Mb x 72 ECC Registered DIMM: HYMD232G726D[P]8[M]
FUNCTIONAL BLOCK DIAGRAM
Note :
1. DQ-to-I/O wiring may be changed within a byte.
2. DQ/DQS/DM/CKE/S relationships must be maintained
as shown.
3. DQ/DQS resistors should be 22 Ohms.
4. VDDID strap connections (for memory device VDD,VDDQ) :
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ≠ VDDQ
5. SDRAM placement alternates between the back and
front sides of the DIMM.
6. Address and control resistors should be 22 Ohms.
DQ00
DQ01
DQ02
DQ03
DQ04
DQ05
DQ06
DQ07
DM
/CS
DQS
D0
DM
/CS
DQS
D1
DM
/CS
DQS
D2
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
D5
DM
/CS
DQS
DM
/CS
DQS
D7
DM0
DQS0
DM4
DQS4
DM1
DQS1
DM2
DQS2
DM3
DQS3
DM7
DQS7
DM6
DQS6
DM5
DQS5
/RS0
D3
D6
D4
DM
/CS
DQS
DM8
DQS8
D8
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ08
DQ09
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
VDDSPD
VDD
VREF
VSS
Serial PD
DO-D8
DO-D8
DO-D8
Strap:see Note 4
VDDQ
VDDID
DO-D8
CKO, /CKO------PLL*
* Wire per Clock Loading Table/Wiring Diagram
A0-A13
/RAS
/CAS
CKE0
/WE
RA0-RA13-> : A0->A13 : SDRAMs D0-D8
/RRAS->/RAS : SDRAMs D0-D8
/RCAS->/CAS : SDRAMs D0-D8
RCKEO->CKE : SDRAMs D0-D8
/RWE->/WE : SDRAMs D0-D8
/S0
BA0-BA1
/RS0->/CS : SDRAMs D0-D8
RBA0-RBA1-> : BA0->BA1 : SDRAMs D0-D8
R
E
G
I
S
T
E
R
/RESET
/PCK
PCK
A0
A1
A2
SDA
SA0 SA1 SA2
Serial PD
SCL
WP


Similar Part No. - HYMD264G726D4-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726DF4N-D43 HYNIX-HYMD264G726DF4N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD264G726DF4N-D43J HYNIX-HYMD264G726DF4N-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD264G726DFP4N-D43 HYNIX-HYMD264G726DFP4N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD264G726DFP4N-D43J HYNIX-HYMD264G726DFP4N-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD264G726D4-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com