Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264726DP8-K Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD264726DP8-K
Description  1184pin Unbuffered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264726DP8-K Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD264726DP8-K Datasheet HTML 4Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 5Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 9Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 10Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 11Page - Hynix Semiconductor HYMD264726DP8-K Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Rev. 1.2 / May. 2005
8
1184pin Unbuffered DDR SDRAM DIMMs
512MB, 64M x 72 ECC Unbuffered DIMM: HYMD264726D[P]8[J]
Note :
1. DQ-to-I/O wiring is shown as
recommended
but may be changed.
2. DQ/DQS/DM/CKE/S relationships
must be maintained as shown.
3. DQ,DQS,DM/DQS resistors
: 22 Ohms ? 5%
4. VDDID strap connections
(for memory device VDD,VDDQ) :
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ≠ VDDQ
5. BAx, Ax, /RAS, /CAS, /WE
resistors : 3 Ohms ? 5%
DM
/S
DQS
D8
DM
/S
DQS
D9
DM
/S
DQS
DM
/S
DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM
/S
DQS
D0
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM
/S
DQS
D1
DM
/S
DQS
D2
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM
/S
DQS
DQ32
DQ33
DQ35
DQ36
DQ37
DQ38
DQ39
DM
/S
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM
/S
DQS
D5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM
/S
DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM
/S
DQS
D7
DM0
DQS0
DM4
DQS4
DQ8
DQ9
DM1
DQS1
DM2
DQS2
DM3
DQS3
DM7
DQS7
DM6
DQS6
DM5
DQS5
/S0
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM
/S
DQS
D13
DM
/S
DQS
D15
DM
/S
DQS
D10
/S1
D11
D3
D14
D6
D4
D12
DM
/S
DQS
D12
DQ34
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
/S
DQS
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DM
/S
DQS
DM8
DQS8
D17
D8
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A0-A13
/RAS
/CAS
CKE0
CKE1
/WE
A0-A13-> : SDRAMs D0-D17
/RAS : SDRAMs D0-D17
/CAS : SDRAMs D0-D17
CKE : SDRAMs D8-D17
CKE : SDRAMs D0-D8
/WE : SDRAMs D0-D17
BA0-BA1
BA0-BA1-> : SDRAMs D0-D17
WP
A0
SCL
A1
A2
SDA
SA0 SA1 SA2
Serial PD
* Clock Wiring
Clock Input
SDRAMs
*CK0,/CK0
6 SDRAMs
*CK1,/CK1
6 SDRAMs
*CK2,/CK2
6 SDRAMs
* Wire per Clock Loading
Table/Wiring Diagrams
VDDSPD
VREF
VSS
SPD
DO-D15
DO-D15
Strap:see Note 4
VDD/
VDDQ
VDDID
DO-D15
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - HYMD264726DP8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264726B8J-D4 HYNIX-HYMD264726B8J-D4 Datasheet
228Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264726B8J-D43 HYNIX-HYMD264726B8J-D43 Datasheet
228Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264726B8J-J HYNIX-HYMD264726B8J-J Datasheet
228Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264726BL8J-J HYNIX-HYMD264726BL8J-J Datasheet
199Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264726C8-H HYNIX-HYMD264726C8-H Datasheet
199Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD264726DP8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD532646B6-H HYNIX-HYMD532646B6-H Datasheet
1Mb / 30P
   1184pin Unbufferd DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com