Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264646D8-K Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD264646D8-K
Description  1184pin Unbuffered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264646D8-K Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD264646D8-K Datasheet HTML 1Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 2Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 3Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 4Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 5Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD264646D8-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Rev. 1.2 / May. 2005
3
1184pin Unbuffered DDR SDRAM DIMMs
PIN DESCRIPTION
PIN ASSIGNMENT
note:
1. Pins 44, 45, 47, 49, 51, 134, 135, 140, 142, 144 are reserved for x72 variants of this module and are not used on the x64 versions.
2. Pins 111, 158 are not used for single rank module.
3. Pin 167 is “NC” for 256MB, 512MB and 1GB or “A13” for 2GB module.
4. Pins 9, 10, 71, 82, 90, 101, 102, 103, 113, 163, 167, 173 are not used on this module.
Pin
Pin Description
Pin
Pin Description
CK0~2, /CK0~2
Differential Clock Inputs
VDD
Power Supply for Core and I/O
/CS0, /CS1
Chip Select Inputs
VDDQ
Power Supply for DQs
CKE0, CKE1
Clock Enable Inputs
VSS
Ground
/RAS, /CAS, /WE
Commend Sets Inputs
VREF
Input/Output Reference
A0 ~ A13
Address Inputs
VDDSPD
Power Supply for SPD
A10/AP
Address Input/Autoprecharge
VDDID
VDD, VDDQ Level Detection
BA0, BA1
Bank Address
SA0~SA2
SPD Address Inputs
DQ0~DQ63
Data Inputs/Outputs
SCL
SPD Clock Input
CB0~CB7
Data Check bits
SDA
SPD Data Input/Output
DQS0~DQS8
Data Strobes
DU
Do not Use
DM0~8
Data-in Masks
NC
No Connect
TEST
Reserved for test equipment use
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
32
A5
62
VDDQ
93
VSS
124
VSS
154
/RAS
2
DQ0
33
DQ24
63
/WE
94
DQ4
125
A6
155
DQ45
3
VSS
34
VSS
64
DQ41
95
DQ5
126
DQ28
156
VDDQ
4
DQ1
35
DQ25
65
/CAS
96
VDDQ
127
DQ29
157
/CS0
5
DQS0
36
DQS3
66
VSS
97
DM0,DQS9
128
VDDQ
158
/CS1
6
DQ2
37
A4
67
DQS5
98
DQ6
129
DM3,DQS12
159
DM5,DQS14
7
VDD
38
VDD
68
DQ42
99
DQ7
130
A3
160
VSS
8
DQ3
39
DQ26
69
DQ43
100
VSS
131
DQ30
161
DQ46
9
NC
40
DQ27
70
VDD
101
NC
132
VSS
162
DQ47
10
NC
41
A2
71
NC,/CS2
102
NC,TEST
133
DQ31
163
NC,/CS3
11
VSS
42
VSS
72
DQ48
103
NC,FETEN
134
CB4,NC
164
VDDQ
12
DQ8
43
A1
73
DQ49
104
VDDQ
135
CB5,NC
165
DQ52
13
DQ9
44
CB0,NC
74
VSS
105
DQ12
136
VDDQ
166
DQ53
14
DQS1
45
CB1,NC
75
/CK2
106
DQ13
137
CK0
167
NC,A13
15
VDDQ
46
VDD
76
CK2
107
DM1,DQS10
138
/CK0
168
VDD
16
CK1
47
NC,DQS8
77
VDDQ
108
VDD
139
VSS
169
DM6
17
/CK1
48
A0
78
DQS6
109
DQ14
140
DM8,DQS17
170
DQ54
18
VSS
49
CB2,NC
79
DQ50
110
DQ15
141
A10
171
DQ55
19
DQ10
50
VSS
80
DQ51
111
CKE1
142
CB6,NC
172
VDDQ
20
DQ11
51
CB3,NC
81
VSS
112
VDDQ
143
VDDQ
173
NC
21
CKE0
52
BA1
82
VDDID
113
BA2
144
CB7,NC
174
DQ60
22
VDDQ
Key
83
DQ56
114
DQ20
Key
175
DQ61
23
DQ16
53
DQ32
84
DQ57
115
A12
145
VSS
176
VSS
24
DQ17
54
VDDQ
85
VDD
116
VSS
146
DQ36
177
DM7,DQS16
25
DQS2
55
DQ33
86
DQS7
117
DQ21
147
DQ37
178
DQ62
26
VSS
56
DQS4
87
DQ58
118
A11
148
VDD
179
DQ63
27
A9
57
DQ34
88
DQ59
119
DM2,DQS11
149
DM4,DQS13
180
VDDQ
28
DQ18
58
VSS
89
VSS
120
VDD
150
DQ38
181
SA0
29
A7
59
BA0
90
NC
121
DQ22
151
DQ39
182
SA1
30
VDDQ
60
DQ35
91
SDA
122
A8
152
VSS
183
SA2
31
DQ19
61
DQ40
92
SCL
123
DQ23
153
DQ44
184
VDDSPD


Similar Part No. - HYMD264646D8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8-H HYNIX-HYMD264646A8-H Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646A8-K HYNIX-HYMD264646A8-K Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646A8-L HYNIX-HYMD264646A8-L Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646A8-M HYNIX-HYMD264646A8-M Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD264646A8J-D4 HYNIX-HYMD264646A8J-D4 Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD264646D8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD532646B6-H HYNIX-HYMD532646B6-H Datasheet
1Mb / 30P
   1184pin Unbufferd DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com