Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBF9225S24HT Datasheet(PDF) 1 Page - Dubilier

Part # DBF9225S24HT
Description  DC COOLING FAN 92x92x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF9225S24HT Datasheet(HTML) 1 Page - Dubilier

  DBF9225S24HT Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
289
Voltage: 12 & 24 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 37.9 - 60 CFM
Suitable for PSU, Racks and Test instruments
SPECIFICATION
DC COOLING FAN
92x92x25mm
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
9225
B
12
H
Dubilier
Fans
Size
92x92x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
12=12vdc
24=24vdc
Airflow
U=Ultra High
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Part No.
Bearing
Voltage(V)
Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF9225x12U
Oil, Sleeve
12
0.39
4.68
3200
57.8
3.96
38.6
103
DBF9225B12U
Ball
12
0.39
4.68
3300
60.0
4.15
39.4
103
DBF9225x12H
Oil, Sleeve
12
0.25
3.00
2700
50.0
2.93
33.7
103
DBF9225B12H
Ball
12
0.25
3.00
2900
52.5
3.32
35.0
103
DBF9225x12M
Oil, Sleeve
12
0.17
2.04
2400
43.5
2.34
31.3
103
DBF9295B12M
Ball
12
0.17
2.04
2600
47.2
2.69
32.7
103
DBF9225x12L
Oil, Sleeve
12
0.12
1.44
2100
37.9
1.87
26.5
103
DBF9225B12L
Ball
12
0.12
1.44
2300
41.6
2.18
29.8
103
DBF9225x24U
Oil, Sleeve
24
0.21
5.04
3200
57.8
3.96
38.6
103
DBF9225B24U
Ball
24
0.21
5.04
3300
60.0
4.15
39.4
103
DBF9225x24H
Oil, Sleeve
24
0.15
3.60
2700
50.0
2.93
33.7
103
DBF9225B24H
Ball
24
0.15
3.60
2900
52.5
3.32
35.0
103
DBF9225x24M
Oil, Sleeve
24
0.12
2.88
2400
43.5
2.34
31.3
103
DBF9225B24M
Ball
24
0.12
2.88
2600
47.2
2.69
32.7
103
DBF9225x24L
Oil, Sleeve
24
0.08
1.92
2100
37.9
1.87
26.5
103
DBF9225B24L
Ball
24
0.08
1.92
2300
41.6
2.18
29.8
103
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚to 70˚C


Similar Part No. - DBF9225S24HT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF9225S230MT DUBILIER-DBF9225S230MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
DBF9225S230MW DUBILIER-DBF9225S230MW Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
More results

Similar Description - DBF9225S24HT

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBF9225B115MT DUBILIER-DBF9225B115MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
logo
CoolCox Limited All rig...
CC9225 COOLCOX-CC9225 Datasheet
417Kb / 1P
   DC Axial Fan 92x92x25mm
logo
Qualtek Electronics Cor...
FAD1-09225 QUALTEK-FAD1-09225 Datasheet
1Mb / 1P
   92x92x25mm DC AXIAL FAN
FAA1-09225 QUALTEK-FAA1-09225 Datasheet
1Mb / 1P
   92x92x25mm AC AXIAL FAN
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com